Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413IGN Datasheet(PDF) 36 Page - Linear Technology

Part # LTC2413IGN
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413IGN Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC2413IGN Datasheet HTML 32Page - Linear Technology LTC2413IGN Datasheet HTML 33Page - Linear Technology LTC2413IGN Datasheet HTML 34Page - Linear Technology LTC2413IGN Datasheet HTML 35Page - Linear Technology LTC2413IGN Datasheet HTML 36Page - Linear Technology LTC2413IGN Datasheet HTML 37Page - Linear Technology LTC2413IGN Datasheet HTML 38Page - Linear Technology LTC2413IGN Datasheet HTML 39Page - Linear Technology LTC2413IGN Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
LTC2413
36
sn2413 2413fs
APPLICATIO S I FOR ATIO
Figure 43. Simple Bridge Connection
REF+
REF–
SDO
SCK
IN+
IN–
CS
GND
VREF
FO
3
R1
12
4
350
Ω
BRIDGE
13
5
6
2413 F43
11
1, 7, 8, 9,
10, 15, 16
2
14
LTC2413
+
R2
R1 AND R2 CAN BE USED TO INCREASE TOLERABLE AC COMPONENT ON REF SIGNALS
LT1019
For those applications that cannot be fulfilled by the
LTC2413 alone, compensating for error in external ampli-
fication can be done effectively due to the “no latency”
feature of the LTC2413. No latency operation allows
samples of the amplifier offset and gain to be interleaved
with weighing measurements. The use of correlated double
sampling allows suppression of 1/f noise, offset and
thermocouple effects within the bridge. Correlated double
sampling involves alternating the polarity of excitation and
dealing with the reversal of input polarity mathematically.
Alternatively, bridge excitation can be increased to as
much as
±10V, if one of several precision attenuation
techniques is used to produce a precision divide operation
on the reference signal. Another option is the use of a
reference within the 5V input range of the LTC2413 and
developing excitation via fixed gain, or LTC1043 based
voltage multiplication, along with remote feedback in the
excitation amplifiers, as shown in Figures 48 and 50.
Figure 43 shows an example of a simple bridge connec-
tion. Note that it is suitable for any bridge application
where measurement speed is not of the utmost impor-
tance. For many applications where large vessels are
weighed, the average weight over an extended period of
time is of concern and short term weight is not readily
determined due to movement of contents, or mechanical
resonance. Often, large weighing applications involve load
cells located at each load bearing point, the output of
which can be summed passively prior to the signal pro-
cessing circuitry, actively with amplification prior to the
ADC, or can be digitized via multiple ADC channels and
summed mathematically. The mathematical summation
of the output of multiple LTC2413’s provides the benefit of
a root square reduction in noise. The low power consump-
tion of the LTC2413 makes it attractive for multidrop
communication schemes where the ADC is located within
the load-cell housing.
A direct connection to a load cell is perhaps best incorpo-
rated into the load-cell body, as minimizing the distance to
the sensor largely eliminates the need for protection
devices, RFI suppression and wiring. The LTC2413 exhib-
its extremely low temperature dependent drift. As a result,
exposure to external ambient temperature ranges does
not compromise performance. The incorporation of any
amplification considerably complicates thermal stability,
as input offset voltages and currents, temperature coeffi-
cient of gain settling resistors all become factors.
The circuit in Figure 44 shows an example of a simple
amplification scheme. This example produces a differen-
tial output with a common mode voltage of 2.5V, as
determined by the bridge. The use of a true three amplifier
instrumentation amplifier is not necessary, as the LTC2413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com