Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413IGN Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2413IGN
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413IGN Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2413IGN Datasheet HTML 29Page - Linear Technology LTC2413IGN Datasheet HTML 30Page - Linear Technology LTC2413IGN Datasheet HTML 31Page - Linear Technology LTC2413IGN Datasheet HTML 32Page - Linear Technology LTC2413IGN Datasheet HTML 33Page - Linear Technology LTC2413IGN Datasheet HTML 34Page - Linear Technology LTC2413IGN Datasheet HTML 35Page - Linear Technology LTC2413IGN Datasheet HTML 36Page - Linear Technology LTC2413IGN Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
LTC2413
33
sn2413 2413fs
APPLICATIO S I FOR ATIO
Figure 39. Input Normal Mode Rejection
Figure 38. Input Normal Mode Rejection
Figure 40. Input Normal Mode Rejection
FO = LOW OR
FO = EXTERNAL OSCILLATOR,
fEOSC = 10 • fS
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS
2413 F38
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS 10fS
INPUT SIGNAL FREQUENCY (Hz)
2413 F39
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fN
0
2fN 3fN 4fN 5fN 6fN 7fN 8fN
INPUT SIGNAL FREQUENCY (Hz)
250fN 252fN 254fN 256fN 258fN 260fN 262fN
2413 F40
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
Normal Mode Rejection and Antialiasing
One of the advantages delta-sigma ADCs offer over con-
ventional ADCs is on-chip digital filtering. Combined with
a large oversampling ratio, the LTC2413 significantly
simplifies antialiasing filter requirements.
The sinc4 digital filter provides greater than 120dB normal
mode rejection at all frequencies except DC and integer
multiples of the modulator sampling frequency (fS). The
LTC2413’s autocalibration circuits further simplify the
antialiasing requirements by additional normal mode sig-
nal filtering both in the analog and digital domain. Inde-
pendent of the operating mode, fS = 256 • fN = 2048 •
fOUTMAX where fN in the notch frequency and fOUTMAX is
the maximum output data rate. In the internal oscillator
mode, fS = 13980Hz. In the external oscillator mode, fS =
fEOSC/10.
The combined normal mode rejection performance is
shown in Figure 38. The regions of low rejection occurring
at integer multiples of fS have a very narrow bandwidth.
Magnified details of the normal mode rejection curves are
shown in Figure 39 (rejection near DC) and Figure 40
(rejection at fS = 256fN) where fN represents the notch
frequency. These curves have been derived for the exter-
nal oscillator mode but they can be used in all operating
modes by appropriately selecting the fN value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com