Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413IGN Datasheet(PDF) 44 Page - Linear Technology

Part # LTC2413IGN
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413IGN Datasheet(HTML) 44 Page - Linear Technology

Back Button LTC2413IGN Datasheet HTML 36Page - Linear Technology LTC2413IGN Datasheet HTML 37Page - Linear Technology LTC2413IGN Datasheet HTML 38Page - Linear Technology LTC2413IGN Datasheet HTML 39Page - Linear Technology LTC2413IGN Datasheet HTML 40Page - Linear Technology LTC2413IGN Datasheet HTML 41Page - Linear Technology LTC2413IGN Datasheet HTML 42Page - Linear Technology LTC2413IGN Datasheet HTML 43Page - Linear Technology LTC2413IGN Datasheet HTML 44Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
LTC2413
44
sn2413 2413fs
LT/TP 0501 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2000
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1019
Precision Bandgap Reference, 2.5V, 5V
3ppm/
°C Drift, 0.05% Max Initial Accuracy
LT1025
Micropower Thermocouple Cold Junction Compensator
80
µA Supply Current, 0.5°C Initial Accuracy
LTC1043
Dual Precision Instrumentation Switched Capacitor
Precise Charge, Balanced Switching, Low Power
Building Block
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5
µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max Initial Accuracy, 5ppm/
°C Drift
LT1460
Micropower Series Reference
0.075% Max, 10ppm/
°C Max Drift
LTC2400
24-Bit, No Latency
∆Σ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2401/LTC2402
1-/2-Channel, 24-Bit, No Latency
∆Σ ADC in MSOP
0.6ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2404/LTC2408
4-/8-Channel, 24-Bit, No Latency
∆Σ ADC
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2410
24-Bit, Fully Differential, No Latency
∆Σ ADC in SSOP-16
0.16ppm Noise, 2ppm INL, 3ppm Total Unadjusted Error, 200
µA
LTC2411
24-Bit, Fully Differential, No Latency
∆Σ ADC in MS10
0.29ppm Noise, 2ppm INL, 3ppm Total Unadjusted Error, 200
µA
LTC2415
24-Bit, Fully Differential,
∆Σ ADC
15Hz Output Rate at 60Hz Rejection, Pin Compatible with LTC2410
LTC2420
20-Bit, No Latency
∆Σ ADC in SO-8
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2400
LTC2424/LTC2428
4-/8-Channel, 20-Bit, No Latency
∆Σ ADC
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2404/LTC2408
Figure 50. Use Resistor Arrays to Provide Precise Matching in Excitation Amplifier
C1
0.1
µF
15V
3
1
2
3
2
1
6
5
4
–
+
REF+
REF–
IN+
IN–
GND
VCC
3
4
5
6
1, 7, 8, 9,
10, 15, 16
2413 F50
2
LTC2413
LT1236-5
RN1
10k
22
Ω
10V
350
Ω BRIDGE
TWO ELEMENTS
VARYING
RN1
10k
Q1
2N3904
1/2
LT1112
C2
0.1
µF
15V
–5V
–15V
–15V
6
7
5
8
7
+
–
RN1
10k
RN1 IS CADDOCK T914 10K-010-02
Q2, Q3
2N3906
×2
1/2
LT1112
RN1
10k
33
Ω
×2
C3
47
µF
C1
0.1
µF
5V
5V
8
4
20
Ω
20
Ω
+
TYPICAL APPLICATIO
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com