Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2413IGN
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2413IGN Datasheet HTML 10Page - Linear Technology LTC2413IGN Datasheet HTML 11Page - Linear Technology LTC2413IGN Datasheet HTML 12Page - Linear Technology LTC2413IGN Datasheet HTML 13Page - Linear Technology LTC2413IGN Datasheet HTML 14Page - Linear Technology LTC2413IGN Datasheet HTML 15Page - Linear Technology LTC2413IGN Datasheet HTML 16Page - Linear Technology LTC2413IGN Datasheet HTML 17Page - Linear Technology LTC2413IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
LTC2413
14
sn2413 2413fs
on the rising edge of the 32nd SCK pulse. On the falling
edge of the 32nd SCK pulse, SDO goes HIGH indicating the
initiation of a new conversion cycle. This bit serves as EOC
(Bit 31) for the next conversion cycle. Table 2 summarizes
the output data format.
As long as the voltage on the IN+ and IN– pins is maintained
within the – 0.3V to (VCC + 0.3V) absolute maximum
operating range, a conversion result is generated for any
differential input voltage VIN from –FS = –0.5 • VREF to
+FS = 0.5 • VREF. For differential input voltages greater than
+FS, the conversion result is clamped to the value corre-
sponding to the +FS + 1LSB. For differential input voltages
below –FS, the conversion result is clamped to the value
corresponding to –FS – 1LSB.
Simultaneous Frequency Rejection
The LTC2413 internal oscillator provides better than 87dB
normal mode rejection over the range of 49Hz to 61.2Hz as
shown in Figure 4. For this simultaneous 50Hz/60Hz
rejection, FO should be connected to GND.
When a fundamental rejection frequency different from
the range 49Hz to 61.2Hz is required or when the converter
must be sychronized with an outside source, the LTC2413
can operate with an external conversion clock. The conveter
automatically detects the presence of an external clock
signal at the FO pin and turns off the internal oscillator. The
frequency fEOSC of the external signal must be at least
2560Hz to be detected. The external clock signal duty cycle
is not significant as long as the minimum and maximum
specifications for the high and low periods, tHEO and tLEO,
are observed.
Table 2. LTC2413 Output Data Format
Differential Input Voltage
Bit 31
Bit 30
Bit 29
Bit 28
Bit 27
Bit 26
Bit 25
…
Bit 0
VIN*
EOC
DMY
SIG
MSB
VIN* ≥ 0.5 • VREF**
0
0110
0
0
…
0
0.5 • VREF** – 1LSB
0
0101
1
1
…
1
0.25 • VREF**
0
0101
0
0
…
0
0.25 • VREF** – 1LSB
0
0100
1
1
…
1
0
0
0100
0
0
…
0
–1LSB
0
0011
1
1
…
1
– 0.25 • VREF**
0
0011
0
0
…
0
– 0.25 • VREF** – 1LSB
0
0010
1
1
…
1
– 0.5 • VREF**
0
0010
0
0
…
0
VIN* < –0.5 • VREF**
0
0001
1
1
…
1
*The differential input voltage VIN = IN+ – IN–.
**The differential reference voltage VREF = REF+ – REF–.
Figure 3. Output Data Timing
APPLICATIO S I FOR ATIO
MSB
SIG
“0”
1
2
3
4
5
262732
BIT 0
BIT 27
BIT 5
LSB24
BIT 28
BIT 29
BIT 30
SDO
SCK
CS
EOC
BIT 31
SLEEP
DATA OUTPUT
CONVERSION
2413 F03
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com