Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2413IGN
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2413IGN Datasheet HTML 19Page - Linear Technology LTC2413IGN Datasheet HTML 20Page - Linear Technology LTC2413IGN Datasheet HTML 21Page - Linear Technology LTC2413IGN Datasheet HTML 22Page - Linear Technology LTC2413IGN Datasheet HTML 23Page - Linear Technology LTC2413IGN Datasheet HTML 24Page - Linear Technology LTC2413IGN Datasheet HTML 25Page - Linear Technology LTC2413IGN Datasheet HTML 26Page - Linear Technology LTC2413IGN Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
LTC2413
23
sn2413 2413fs
APPLICATIO S I FOR ATIO
CS is discharging; therefore, the internal serial clock
timing mode is automatically selected if SCK is floating. It
is important to ensure there are no external drivers pulling
SCK LOW while CS is discharging.
PRESERVING THE CONVERTER ACCURACY
The LTC2413 is designed to reduce as much as possible
the conversion result sensitivity to device decoupling,
PCB layout, antialiasing circuits, line frequency perturba-
tions and so on. Nevertheless, in order to preserve the
extreme accuracy capability of this part, some simple
precautions are desirable.
Digital Signal Levels
The LTC2413’s digital interface is easy to use. Its digital
inputs (FO, CS and SCK in External SCK mode of operation)
accept standard TTL/CMOS logic levels and the internal
hysteresis receivers can tolerate edge rates as slow as
100
µs.However,someconsiderationsarerequiredtotake
advantage of the exceptional accuracy and low supply
current of this converter.
The digital output signals (SDO and SCK in Internal SCK
mode of operation) are less of a concern because they are
not generally active during the conversion state.
While a digital input signal is in the range 0.5V to
(VCC – 0.5V), the CMOS input receiver draws additional
current from the power supply. It should be noted that,
when any one of the digital input signals (FO, CS and SCK
in External SCK mode of operation) is within this range, the
LTC2413 power supply current may increase even if the
signal in question is at a valid logic level. For micropower
operation, it is recommended to drive all digital input
signals to full CMOS levels [VIL < 0.4V and VIH >
(VCC – 0.4V)].
During the conversion period, the undershoot and/or
overshoot of a fast digital signal connected to the LTC2413
pins may severely disturb the analog to digital conversion
process. Undershoot and overshoot can occur because of
the impedance mismatch at the converter pin when the
transition time of an external control signal is less than
twice the propagation delay from the driver to LTC2413.
For reference, on a regular FR-4 board, signal propagation
Figure 13. CS Capacitance vs tSAMPLE
Figure 14. CS Capacitance vs Output Rate
Figure 15. CS Capacitance vs Supply Current
CAPACITANCE ON CS (pF)
1
5
6
7
1000
10000
2413 F13
4
3
10
100
100000
2
1
0
VCC = 5V
VCC = 3V
CAPACITANCE ON CS (pF)
0
3
4
5
1000
100000
2413 F14
2
1
0
10
100
10000
6
7
8
VCC = 5V
VCC = 3V
CAPACITANCE ON CS (pF)
1
0
50
100
150
200
250
300
10
100
1000
10000
2413 F15
100000
VCC = 5V
VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com