Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413IGN Datasheet(PDF) 35 Page - Linear Technology

Part # LTC2413IGN
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413IGN Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC2413IGN Datasheet HTML 31Page - Linear Technology LTC2413IGN Datasheet HTML 32Page - Linear Technology LTC2413IGN Datasheet HTML 33Page - Linear Technology LTC2413IGN Datasheet HTML 34Page - Linear Technology LTC2413IGN Datasheet HTML 35Page - Linear Technology LTC2413IGN Datasheet HTML 36Page - Linear Technology LTC2413IGN Datasheet HTML 37Page - Linear Technology LTC2413IGN Datasheet HTML 38Page - Linear Technology LTC2413IGN Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
LTC2413
35
sn2413 2413fs
APPLICATIO S I FOR ATIO
Figure 42. Measured Input Normal Mode Rejection vs Input
Frequency with Input Perturbation of 150% of Full Scale
INPUT FREQUENCY (Hz)
0
2413 F42
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
20
40
60
80
100
120
140
160
180
200
220
range of 5V peak-to-peak. Figure 42 shows measurement
results for the LTC2413 normal mode rejection ratio with
a 7.5V peak-to-peak (150% of full scale) input signal su-
perimposed over the more traditional normal mode rejec-
tion ratio results obtained with a 5V peak-to-peak (full
scale) input signal. It is clear that the LTC2413 rejection
performance is maintained with no compromises in this
extreme situation. When operating with large input signal
levels, the user must observe that such signals do not
violate the device’s absolute maximum ratings.
BRIDGE APPLICATIONS
Typical strain gauge based bridges deliver only 2mV/Volt
of excitation. As the maximum reference voltage of the
LTC2413 is 5V, remote sensing of applied excitation
without additional circuitry requires that excitation be
limited to 5V. This gives only 10mV full scale, which can
be resolved to 1 part in 10000 without averaging. For many
solid state sensors, this is still better than the sensor. For
example, averaging 64 samples however reduces the
noise level by a factor of eight, bringing the resolving
power to 1 part in 80000, comparable to better weighing
systems. Hysteresis and creep effects in the load cells are
typically much greater than this. Most applications that
require strain measurements to this level of accuracy are
measuring slowly changing phenomena, hence the time
required to average a large number of readings is usually
not an issue. For those systems that require accurate
measurement of a small incremental change on a signifi-
cant tare weight, the lack of history effects in the LTC2400
family is of great benefit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com