Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX16CF950 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 15Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 16Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 17Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 18Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 19Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 20Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 21Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 22Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Page 19
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
5.6
Card Information Structure
5.6.1
Local Bus Mode
Value
(Hex)
Tuple Name
Description
Direct Attribute
0x01
0x02
0x00
0xFF
CISTPL_DEVICE
CIS should start with a CISTPL_DEVICE tuple.
0x03
0x00
CISTPL_INDIRECT
Use indirect access register (located in direct common memory).
0xFF
CISTPL_END
Indirect Attribute
0x13
0x03
0x43
0x49
0x53
CISTPL_LINKTARGET
The first tuple in indirect memory must be a CISTPL_LINKTARGET to prove that a
valid CIS chain is present. The host will start processing from location 0 of the
indirect attribute memory, after following an implied link from the primary CIS chain
in direct attribute memory.
0x1C
0x03
0x03
0x00
0xFF
CISTPL_DEVICE_OC
This tuple allows the device to be operated at 3.3 volts as well as at 5.0 volts.
0x20
0x04
0x79
0x02
0x0B
0x95
CISTPL_MANFID
This tuple specifies the manufacturer ID and product ID codes (0x0279 and 0x950B
respectively).
0x21
0x02
0x02
0x01
CISTPL_FUNCID
This tuple specifies the function of the device, in this case the tuple states the device
is a serial port.
0x22
0x04
0x00
0x02
0x0F
0x7F
CISTPL_FUNCE
This tuple is the function extension tuple, and provides more detailed information
about the function of the device, and provides the following information:
•
Serial port includes a 16550 compatible UART.
•
Space, Mark, Odd and Even parity
•
5, 6, 7, 8 bit chars
•
1, 1.5 and 2 stop bit operation.
0x15
0x15
0x07
0x01
0x50
0x43
0x20
0x43
0x41
0x52
0x44
0x00
CISTPL_VERS_1
The Level 1 version / product information tuple provides the host with the following
information:
•
The device supports version 7.1 of the PC Card Specification.
•
The Manufacturer String is “PC CARD”
•
The Product String is “GENERIC”
•
The Additional Product Information strings are empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com