Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX16CF950 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 3Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 4Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 5Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 6Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 7Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 8Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 9Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 10Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Page 7
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
23
I
SIN
IrDA_In
UART serial data input.
UART IrDA data input when IrDA mode is enabled (see
above).
29
I
DCD#
Active-low modem data-carrier-detect input.
26
O
DTR#
485_En
Tx_Clk_Out
Active-low modem data-terminal-ready output. If automated
DTR# flow control is enabled, the DTR# pin is asserted and
de-asserted if the receiver FIFO reaches or falls below the
programmed thresholds, respectively.
In RS485 half-duplex mode, the DTR# pin may be
programmed to reflect the state of the transmitter empty bit to
automatically control the direction of the RS485 transceiver
buffer (see register ACR[4:3]).
Transmitter 1x clock (baud rate generator output). For
isochronous applications, the 1x (or Nx) transmitter clock may
be asserted on the DTR# pin (see register CKS[5:4]).
25
O
RTS#
Active–low modem request-to-send output. If automated
RTS# flow control is enabled, the RTS# pin is de-asserted
and reasserted whenever the receiver FIFO reaches or falls
below the programmed thresholds, respectively.
27
I
CTS#
Active-low modem clear-to-send input. If automated CTS#
flow control is enabled, upon de-assertion of the CTS# pin,
the transmitter will complete the current character and enter
the idle mode until the CTS# pin is reasserted. Note: flow
control characters are transmitted regardless of the state of
the CTS# pin.
28
I
DSR#
Rx_Clk_In
Active-low modem data-set-ready input. If automated DSR#
flow control is enabled, upon de-assertion of the DSR# pin,
the transmitter will complete the current character and enter
the idle mode until the DSR# pin is reasserted. Note: flow
control characters are transmitted regardless of the state of
the DSR# pin
External receiver clock for isochronous applications. The
Rx_Clk_In is selected when register CKS[1:0] = ’01’
30
I
RI#
Tx_Clk_In
Active-low modem Ring-indicator input
External transmitter clock. This clock can be used by the
transmitter (and indirectly by the receiver) when register
CKS[6] = ‘1’.
21
O
XTLO
Crystal oscillator output
20
I
XTLI
Crystal oscillator input or external clock pin. Frequency
1.8MHz -> 60MHz
34
O
I
LBCS#
A[5]
Local Bus Mode : Active low local bus Chip select
Normal Mode : Address bit 5
35
O
I
LBRD#2
A[6]
Local Bus Mode : Active-low local bus read enable
Normal Mode : Address bit 6
36
O
I
LBWR
A[7]
Local Bus Mode : Active-low local bus write enable
Normal Mode : Address bit 7
33
O
LBRST2
A[4]
Local Bus Mode : Active high local bus Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com