Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX16CF950 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 41Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 42Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 43Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 44Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 45Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 46Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 47Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 48Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Page 45
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
MDM[7:4]: Reserved
These bits must be set to ‘0000’
6.11.11 Readable FCR ‘RFC’
The RFC register is located at offset 0x0F of the ICR
This read-only register returns the current state of the FCR
register (Note that FCR is write-only). This register is
included for diagnostic purposes.
6.11.12 Good-data status register ‘GDS’
The GDS register is located at offset 0x10 of the ICR
Good data status is set when the following conditions are
true:
•
ISR reads level0 (no interrupt), level2 or 2a
(receiver data) or level3 (THR empty) interrupt.
•
LSR[7] is clear i.e. no parity error, framing error
or break in the FIFO.
•
LSR[1] is clear i.e. no overrun error has occurred.
GDS[0]: Good Data Status
GDS[7:1]: Reserved
6.11.13 DMA Status Register ‘DMS’
The DMS register is located at offset 0x11 of the ICR. This
register is unused in the OXCF950 except for test
purposes.
6.11.14 Port Index Register ‘PIX’
The PIX register is located at offset 0x12 of the ICR. This
read-only register gives the UART index. For a single
channel device such as the OXCF950 this reads ‘0’.
6.11.15 Clock Alteration Register ‘CKA’
The CKA register is located at offset 0x13 of the ICR. This
register adds additional clock control mainly for
isochronous and embedded applications. The register is
effectively an enhancement to the CKS register.
This register is cleared to 0x00 after a hardware reset to
maintain compatibility with 16C550, but is unaffected by
software reset. This allows the user to select a clock mode
and then reset the channel to work-around any timing
glitches.
CKA[0]: Invert internal RX Clock
This allows the sense of the receiver clock to be inverted.
The main use for this would be to invert an isochronous
input clock so the falling edge were used for sampling
rather than the rising edge.
CKA[1]: Invert internal TX clock
This allows the sense of the transmitter clock to be
inverted. The main use for this would be to invert an
isochronous input clock so the rising edge were used for
data output rather than the falling edge.
CKA[2]: Invert DTR
This allows the DTR output signal to be inverted, which is
most likely to be useful when DTR is selected as being the
transmitter clock for isochronous applications.
6.11.16 Misc Data Register
The Misc Data Register allows the user to select access to
either the local configuration registers or the local bus,
when the OXCF950 is operating in Local Bus Mode. It has
no effect when the OXCF950 is operating in Normal Mode.
Table 37 describes the MDR register operation.
MDR
Bits
Description
7:1
Reserved for future use : ‘0’ must be written to
these.
0
Active low Local Bus Enable (Local Bus
mode only).
Setting this bit to ‘0’ allows access to local bus.
Setting this bit to ‘1’ allows access to local
configuration registers.
Table 37: MDR operation
Note that the operation of the MDR register in no way
affects the operation of the UART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com