Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX16CF950 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 2Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 3Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 4Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 5Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 6Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 7Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 8Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 9Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Page 6
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
2 PININFORMATION
Figure 2: Pin Information
3 PINDESCRIPTIONS
Pin Number
Dir1
Name
Description
CF/PCMCIA Interface and Control
46, 45, 43, 42
I
A[3:0]
PCMCIA/CF address bus, bits [3:0]
6, 7, 10, 11, 12, 37, 38, 41
I/O
D[7:0]
PCMCIA/CF data bi-directional bus.
44
IU
REG#
Register select and I/O enable
5
IU
CE[1]#
Active low card enable
4
I
OE#
Active low memory read enable
1
I
WE#
Active-low write enable used for strobing Memory Write data
(Attribute memory).
3
IU
IORD#
Active-low I/Oread enable
2
IU
IOWR#
Active-low I/O write enable
32
O
O
WP
IOIS16#
Write protect (in Memory only mode)
Data is 16 bit (in IO and Memory mode)
47
IU
RESET
PCMCIA/CF Reset
48
O
READY#
IREQ#
Device ready (in Memory only mode)
Active-low Interrupt request (in IO and Memory mode).
UART / Local Bus Function
24
O
SOUT
IrDA_Out
UART serial data output.
UART IrDA data output when MCR[6] is set in enhanced
mode.
OX16CF950
Local Bus
Normal
48
47
46
45
44
43
42
41
40
39
38
37
Mode
Mode
WE#
1
36
LB_WR#
/ A7
IOWR#
2
35
LB_RD#
/ A6
IORD#
3
34
LB_CS#
/ A5
OE#
4
33
LB_RST
/ A4
CE1#
5
32
IOIS16#
D7
6
31
MIO0
D6
7
30
RI#
GND
8
29
DCD#
PWR
9
28
DSR#
D5
10
27
CTS#
D4
11
26
DTR#
D3
12
25
RTS#
13
14
15
16
17
18
19
20
21
22
23
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com