Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX16CF950 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 49Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 50Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 51Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 52Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 53Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 54Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 55Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 56Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Page 53
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
Read Access
Write Access
Min (ns)
Max (ns)
Min (ns)
Max (ns)
Symbol
3.3 v
5 v
3.3 v
5 v
3.3 v
5 v
3.3 v
5 v
tsu(A)
6
4
0
0
tsu(CE)
0
0
0
0
ta(OE)
13
9
tdis(OE)
13
9
13
9
th(D)
4
2
ten(WE)
17
10
Table 47: Common Memory Access Timing Specification
10.2
Attribute Memory Access
t
su
(CE)
A[3:0], REG#
CE1#
OE#
D[7:0]
t
su
(A)
t
a(OE)
t
dis(OE)
WE#, IORD#, IOWR#, RESET# = 1
VALID DATA
Table 48: Attribute Memory read timing
A[3:0], REG#
CE1#
IORD#, IOWR#, RESET# = 1
WE#
OE#
D[7:0] (D
in
)
D[7:0] (D
out
)
t
su
(A)
t
su
(CE)
t
dis(OE)
t
h(D)
t
en
(WE)
Table 49: Attribute Memory write timi ng



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com