Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX16CF950 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 17Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 18Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 19Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 20Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 21Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 22Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 23Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 24Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Page 21
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
0x1C
0x03
0x03
0x00
0xFF
CISTPL_DEVICE_OC
The CISTPL_DEVICE_OC tuple allows operation at 3.3 volts.
0x20
0x04
0x79
0x02
0x0B
0x95
CISTPL_MANFID
This tuple specifies the manufacturer ID and product ID codes (0x0279 and 0x950B
respectively).
0x21
0x02
0x02
0x01
CISTPL_FUNID
This tuple specifies the function of the device, in this case the tuple states the device
is a serial port.
0x22
0x04
0x00
0x02
0x0F
0x7F
CISTPL_FUNCE
This tuple is the function extension tuple, and provides more detailed information
about the function of the device, and provides the following information:
•
Serial port includes a 16550 compatible UART.
•
Space, Mark, Odd and Even parity
•
5, 6, 7, 8 bit chars
•
1, 1.5 and 2 stop bit operation.
0x15
0x15
0x07
0x01
0x43
0x46
0x20
0x43
0x41
0x52
0x44
0x00
0x47
0x45
0x4E
0x45
0x52
0x49
0x43
0x00
0x00
0x00
0xFF
CISTPL_VERS_1
The Level 1 version / product information tuple provides the host with the following
information:
•
The device supports version 7.1 of the PC Card Specification.
•
The Manufacturer String is “CF CARD”
•
The Product String is “GENERIC”
The Additional Product Information strings are empty.
0x1A
0x04
0x00
0x04
0xF8
0x0F
CISTPL_CONFIG
The CISTPL_CONFIG tuple provides basic configuration information including the
following:
•
Base address of the configuration registers (specified as 0xFA)
•
Which configuration registers are present and supported (Configuration
Options Register, Configuration Status Register, Pin Replacement
Register, and Socket and Copy Register are supported).
•
Index of the last Configuration Table Entry (set to 0x04).
0x1B
0x0F
CISTPL_CFTABLE_ENTRY This tuple specifies one particular configuration that the device can be used in. Each
configuration has an index number, which is used by the host to select it. This
configuration has the following properties:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com