Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX16CF950 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 35Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 36Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 37Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 38Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 39Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 40Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 41Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 42Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Page 39
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
TCR[3:0]
Clock cycles per bit
0000 to 0011
16
0100 to 1111
4-15
Table 33: TCR Sample Clock Configuration
The use of TCR does not require the device to be in 650 or
950 mode although only drivers that have been written to
take advantage of the 950 mode features will be able to
access this register. Writing 0x01 to the TCR will not switch
the device into 1x isochronous mode, this is explained in
the following section. (TCR has no effect in isochronous
mode). If 0x01, 0x10 or 0x11 is written to TCR the device
will operate in 16x mode.
Reading TCR will always return the last value that was
written to it irrespective of mode of operation.
Clock
Frequency
(MHz)
CPR value
Effective
crystal
frequency
Error from
1.8432MHz
(%)
Max. Baud rate
with CPR = 1,
TCR = 16
Max. Baud rate
with CPR = 1,
TCR = 4
1.8432
0x08 (1.000)
1.8432
0.00
115,200
460,800
7.3728
0x20(4.000)
1.8432
0.00
460,800
1,843,200
14.7456
0x80 (8.000)
1.8432
0.00
921,600
3,686,400
18.432
0x50 (10.000)
1.8432
0.00
1,152,000
4,608,000
32.000
0x8B(17.375)
1.8417
0.08
2,000,000
8,000,000
33.000
0x8F (17.875)
1.8462
0.16
2,062,500
8,250,000
40.000
0xAE (21.750)
1.8391
0.22
2,500,000
10,000,000
50.000
0xD9 (27.125)
1.8433
0.01
3,125,000
12,500,000
60.000*
0xFF (31.875)
1.8824
2.13
3,750,000
15,000,000
Table 34: Example clock options and their assosiacted maximum baud rates
System Clock (MHz)
Sampling
Clock
TCR
Value
1.8432
7.372
14.7456
18.432
32
40
50
60
16
0x00 115,200
460,750 921,600
1.152M
2.00M
2.50M
3.125M
3.75M
15
0x0F 122,880
491,467 983,040 1,228,800 2,133,333 2,666,667 3,333,333
4.00M
14
0x0E 131,657
526,571 1,053,257 1,316,571 2,285,714 2,857,143 3,571,429 4,285,714
13
0x0D 141,785
567,077 1,134,277 1,417,846 2,461,538 3,076,923 3,846,154 4,615,384
12
0x0C 153,600
614,333 1,228,800 1,536,000 2,666,667 3,333,333 4,166,667
5.00M
11
0x0B 167,564
670,182 1,340,509 1,675,636 2,909,091 3,636,364 4,545,455 5,454545
10
0x0A 184,320
737,200 1,474,560 1,843,200
3.20M
4.00M
5.00M
6.00M
9
0x09 204,800
819,111 1,638,400 2,048,000 3,555,556 4,444,444 5,555,556 6,666,667
8
0x08 230,400
921,500 1,843,200 2,304,000
4.00M
5.00M
6.25M
7.50M
7
0x07 263,314 1,053,143 2,106,514 2,633,143 4,571,429 5,714,286 7,142,857 8,571428
6
0x06 307,200 1,228,667 2,457,600 3,072,000 5,333,333 6,666,667 8,333,333 10.00M
5
0x05 368,640 1,474,400 2,949,120 3,686,400
6.40M
8.00M
10.00M
12.00M
4
0x04 460,800 1,843,000 3,686,400 4,608,000
8.00M
10.00M
12.50M
15.00M
Table 35: Maximum Baud Rates Available at all ‘TCR’ Sampling Clock Values
6.10.4 Input Clock Options
A system clock must be applied to XTLI pin on the device.
The speed of this clock determines the maximum baud rate
at which the device can receive and transmit serial data.
This maximu m is equal to one sixteenth of the frequency of
the system clock (Increasing to one quarter of this value if
TCR=4 is used).
The industry standard system clock for PC COM ports is
1.8432 MHz, limiting the maximum baud rate to 115.2
Kbps. The OXCF950 supports system clocks up to 60MHz
at 5V or 50 MHz at 3.3V and its flexible baud rate
generation hardware means that almost any frequency can
be optionally scaled down for compatibility with standard
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com