Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX16CF950 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 9Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 10Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 11Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 12Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 13Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 14Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 15Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 16Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Page 13
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
Multi-Purpose I/O Configurationregister ‘MIC’ (Offset 0x09)
This register configures the operation for the multi-purpose I/O pins ‘MIO[1:0]’ as follows
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:4
Reserved
-
R
0000
3:2
MIO1 Configuration register
00 -> MIO1 is a non-inverting input pin
01 -> MIO1 is an inverting input pin
10 -> MIO1 is an output pin driving ‘0’
11 -> MIO1 is an output pin driving ‘1’
W
R/W
00
1:0
MIO0 Configuration register
00 -> MIO0 is a non-inverting input pin
01 -> MIO0 is an inverting input pin
10 -> MIO0 is an output pin driving ‘0’
11 -> MIO0 is an output pin driving ‘1’
W
R/W
00
Table 7: Multi Purpose I/O Configuration Register
UART Divider/Interrupt Pulse Width Divider register ‘DIV’ (Offset 0x0A)
This register defines the divide values (2^N division) for the clocks to the UART and Interrupt pulse generator signal. This allows
the device to be set up in its lowest power mode possible, and is fully programmable by the host or the EEPROM. The default
value for the UART clock divider provides a clock to the UART of x1. The default value for the Interrupt pulse divider provides a
clock to the interrupt processor of /32. See Section 5.4.1 Note that the UART clock rate should not be changed without then
resetting the UART(see SRT register).
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:6
Reserved
-
R
00
5:3
Uart clock divide value.
The division ratio is 2^N, giving 1, 2, 4, 8, 16, 32, 64, 128
W
R/W
000
2:0
Interrupt Pulse divide value:
This field should be set under the following clock freq. conditions
000 -> when clock frequency is less than 2MHz
001 -> when clock frequency is between 2 and 4MHz
010 -> when clock frequency is between 4 and 8MHz
011 -> when clock frequency is between 8 and 16MHz
100 -> when clock frequency is between 16 and 32MHz
101 -> when clock frequency is between 32 and 64MHz
110 -> RESERVED
111 -> RESERVED
W
R/W
101
Table 8: UART Divider/ Interrupt Pulse Width Divider
Mode Status register ‘MSR’ (Offset 0x0B)
This read only register return the state of the MODE pin (i.e. whether in Normal or Local Bus modes).
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:1
Reserved
-
R
0000000
0
Mode
O = Normal, 1 = Local Bus
-
R
X
Table 9: Mode Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com