Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX16CF950 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OX16CF950 Datasheet HTML 1Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 2Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 3Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 4Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 5Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 6Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 7Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 8Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Oxford Semiconductor Ltd.
25 Milton Park, Abingdon, Oxon, OX14 4SH, UK
Tel: +44 (0)1235 824900
©
© Oxford Semiconductor 2001 .
DATA SHEET .
CONFIDENTIAL .
FEATURES
•
Single full-duplex asynchronous channel
•
128-byte deep transmitter / receiver FIFO
•
Fully software compatible with industry standard
16C550 type UARTs
•
Readable FIFO levels
•
System clock up to 60MHz at 5V, 50 MHz at 3.3V
•
Flexible clock prescaler from 1 to 31.875
•
9-bit data framing as well as 5,6,7 and 8
•
Detection of bad data in the receiver FIFO
•
Automated in-band flow control using programmable
Xon/Xoff characters
•
Transmitter and receiver can be disabled
•
Low power CMOS
•
3.3V / 5V operation
•
Programmable by external MicrowireTM EEPROM
(EEPROM programmed via Oxford Semiconductor
utilities).
•
Extremely low power consumption by use of
asynchronous UART core and power down (sleep)
modes
•
Ultra small 48 pin TQFP package.
•
Supports all UART types 450 up to 950 (fully
programmable)
•
CF+ Compliant (Revision 1.4).
•
16-bit PC Card Compliant (PCMCIA Revision 7.1)
•
8 bit Local Bus interface included for PCMCIA
applications
•
2 Multi-purpose I/O pins which can be configured as
interrupt inputs
DESCRIPTION
The OXCF950 is a low cost asynchronous 16-bit PC card
(henceforth referred to as PCMCIA) or Compact Flash
(henceforth referred to as CF) UART (and Local Bus)
device. Local Bus Selection is performed by use of a
MODE pin. Note that Local Bus mode uses indirect
addressing, which is only supported by PCMCIA.
The 3.3V / 5V technology has been selected to allow the
device to be used in both high and low voltage
environments, as stated in the PCMCIA specification. Note
that when the OXCF950 is operating at 3.3V, its I/O is not
5V tolerant.
The EEPROM interface allows the programming of the
Attribute Memory, UART and Local Configuration Registers
during power up or hard/soft reset. This allows different
card manufacturers to modify the information contained in
the Attribute memory or UART/registers as required, for
example PC-Card ID value.
A number of power-down modes are included to keep
power consumption to a minimum. Such features include
clock division (fully programmable) and sleep modes when
a function of the OXCF950 is not being used.
The OXCF950 contains a single-channel ultra-high
performance UART offering data rates up to 15Mbps (at
5V) and 128-deep transmitter and receiver FIFOs. Deep
FIFOs reduce CPU overhead and allow utilisation of higher
data rates.
It is software compatible with the widely used industry-
standard 16C550 type devices and compatibles, as well as
other OX16C95x family devices.
In addition to increased performance and FIFO size, the
OXCF950 also provides enhanced features including
improved flow control. Automated software flow control
using Xon/Xoff and automated hardware flow control using
CTS#/RTS# and DSR#/DTR# prevent FIFO over-run. Flow
control and interrupt thresholds are fully programmable and
readable, enabling programmers to fine-tune the
performance of their system. FIFO levels are readable to
facilitate fast driver applications.
The addition of software reset enables recovery from
unforeseen error conditions allowing drivers to restart
gracefully. The OXCF950 supports 9-bit data frames used
in multi-drop industrial protocols. It also offers multiple
external clock options for isochronous applications, e.g.
ISDN, xDSL.
The OXCF950 also incorporates a bridge to an 8 bit Local
Bus in Local Bus Mode. It allows card developers to
expand the capabilities of their products by adding
peripherals to this bus. In addition, two user IO pins are
included to enhance external device control. These IO pins
can also be configured as interrupt inputs.
OXCF950
DATA SHEET


Similar Part No. - OX16CF950

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OX16C950 OXFORD-OX16C950 Datasheet
436Kb / 49P
High Performance UART with 128 byte FIFOs
OX16C950-PCC60-B OXFORD-OX16C950-PCC60-B Datasheet
436Kb / 49P
High Performance UART with 128 byte FIFOs
OX16C950-TQC60-B OXFORD-OX16C950-TQC60-B Datasheet
436Kb / 49P
High Performance UART with 128 byte FIFOs
OX16C950B OXFORD-OX16C950B Datasheet
28Kb / 2P
Intelligent Single Channel UART
logo
PLX Technology
OX16C950B PLX-OX16C950B Datasheet
163Kb / 2P
High Performance UART
More results

Similar Description - OX16CF950

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1380 AD-AD1380 Datasheet
240Kb / 8P
Low Cost 16-Bit Sampling ADC
AD1893 AD-AD1893 Datasheet
216Kb / 20P
Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
logo
List of Unclassifed Man...
QS74FCT2X2273T ETC1-QS74FCT2X2273T Datasheet
322Kb / 7P
16-BIT REGISTER WITH ASYNCHRONOUS RESET
logo
Oxford Semiconductor
OXCF950 OXFORD-OXCF950_06 Datasheet
375Kb / 66P
low cost asynchronous 16-bit PC card or Compact Flash UART device
logo
Intronics Power, Inc.
ADC1140 INTRONICS-ADC1140 Datasheet
906Kb / 4P
Low Cost 16-Bit Anlog-to-Digital Converter
logo
Analog Devices
AD561JNZ AD-AD561JNZ Datasheet
213Kb / 8P
Low Cost 10-Bit Low Cost 10-Bit
REV. A
AD1380 AD-AD1380_15 Datasheet
248Kb / 12P
Low Cost 16-Bit Sampling ADC
REV. D
AD1893 AD-AD1893_15 Datasheet
220Kb / 20P
Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com