Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX16CF950 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 37Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 38Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 39Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 40Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 41Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 42Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 43Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 44Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Page 41
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
loopback mode this bit reflects the flow control status rather
than the pin’s actual state.
ASR[3]: DTR
This is the complement of the actual state of the DTR# pin
when the device is not in loopback mode. The driver
software can determine if the remote transmitter is disabled
by DTR# out-of-band flow control by reading this bit. In
loopback mode this bit reflects the flow control status rather
than the pin’s actual state.
ASR[4]: Special character detected
logic 0 ⇒ No special character has been detected.
logic 1 ⇒ A special character has been received and is
stored in the RHR.
This can be used to determine whether a level 5 interrupt
was caused by receiving a special character rather than an
XOFF. The flag is cleared following the read of the ASR.
ASR[5]: RESERVED
This bit is unused in the OXCF950 and reads ‘0’.
ASR[6]: FIFO size
logic 0 ⇒ FIFOs are 16 deep if FCR[0] = 1.
logic 1 ⇒ FIFOs are 128 deep if FCR[0] = 1.
Note: If FCR[0] = 0, the FIFOs are 1 deep.
ASR[7]: Transmitter Idle
logic 0 ⇒ Transmitter is transmitting.
logic 1 ⇒ Transmitter is idle.
This bit reflects the state of the internal transmitter. It is set
when both the transmitter FIFO and shift register are
empty.
6.11.2 FIFO Fill levels ‘TFL & RFL’
The number of characters stored in the THR and RHR can
be determined by reading th e TFL and RFL registers
respectively. As the UART clock is asynchronous with
respect to the processor, it is possible for the levels to
change during a read of these FIFO levels. It is therefore
recommended that the levels are read twice and compared
to check that the values obtained are valid. The values
should be interpreted as follows:
1.
The number of characters in the THR is no greater
than the value read back from TFL.
2.
The number of characters in the RHR is no less than
the value read back from RFL.
6.11.3 Additional Control Register ‘ACR’
The ACR register is located at offset 0x00 of the ICR
ACR[0]: Receiver disable
logic 0 ⇒ The receiver is enabled, receiving data and
storing it in the RHR.
logic 1 ⇒ The receiver is disabled. The receiver
continues to operate as normal to maintain the
framing synchronisation with the receive data
stream but received data is not stored into the
RHR. In-band flow control characters continue
to be detected and acted upon. Special
characters will not be detected.
Changes to this bit will only be recognised following the
completion of any data reception pending.
ACR[1]: Transmitter disable
logic 0 ⇒ The transmitter is enabled, transmitting any
data in the THR.
logic 1 ⇒ The transmitter is disabled. Any data in the
THR is not transmitted but is held. However,
in-band flow control characters may still be
transmitted.
Changes to this bit will only be recognised following the
completion of any data transmission pending.
ACR[2]: Enable automatic DSR flow control
logic 0 ⇒ Normal. The state of the DSR# line does not
affect the flow control.
logic 1 ⇒ Data transmission is prevented whenever the
DSR# pin is held inactive high.
This bit provides another automatic out-of-band flow control
facility using the DSR# line.
ACR[4:3]: DTR# line configuration
When bits 4 or 5 of CKS (offset 0x03 of ICR) are set, the
transmitter 1x clock or the output of the baud rate
generator (Nx clock) are asserted on the DTR# pin,
otherwise the DTR# pin is defined as follows:
logic [00] ⇒ DTR# is compatible with 16C450, 16C550,
16C650 and 16C750 (i.e. normal).
logic [01] ⇒
DTR# pin is used for out-of-band flow
control. It will be forced inactive high if
the Receiver FIFO Level (‘RFL’)
reaches the upper flow control
threshold. DTR# line will be re-activated
when the RFL drops below the lower
threshold (see FCL & FCH).
logic [10] ⇒ DTR# pin is configured to drive the active
low enable pin of an external RS485
buffer. In this configuration the DTR#
pin will be forced low whenever the
transmitter is not empty (LSR[6]=0),
otherwise DTR# pin is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com