Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75386NE-R Datasheet (PDF) - Sanyo Semicon Device

LC75386NE-R Datasheet PDF - Sanyo Semicon Device
Part # LC75386NE-R
Download  LC75386NE-R Download
File Size   253.19 Kbytes
Page   23 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LC75386NE-R/LC75386NW

LC75386NE-R Datasheet (PDF)

Go To PDF Page Download Datasheet
LC75386NE-R Datasheet PDF - Sanyo Semicon Device

Part # LC75386NE-R
Download  LC75386NE-R Click to download

File Size   253.19 Kbytes
Page   23 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LC75386NE-R/LC75386NW

LC75386NE-R Datasheet (HTML) - Sanyo Semicon Device


LC75386NE-R Product details

LC75386NE-R / NW, volume, balance, fader, bus / treble, loudness, Electronic potentiometer that can control input switching and input gain control functions with few external components.

Features
• Volume: 0 dB to -79 dB (1 dB step), - ∞ 81 positions.
   By controlling L / R separately, it becomes a balance function.
• Fader: The rear side or front side output can be damped over 16 positions.
   (1 dB steps from 0 dB to -2 dB, 2 dB steps from -2 dB to -20 dB, 10 dB steps from -20 dB to -30 dB
• Bus / treble: Each band has 2 dB steps ± 12 dB control.
   Input gain: The input signal can be amplified from 0 dB to +18.75 dB (1.25 dB steps).
• Input changeover: You can select the signal of 6 inputs for both L / R. (5 is single ended, 1 is differential input)
• Loudness: A tap has come out from the position of -32 dB of the ladder resistor of 2 dB Step Volume, and CR is externally attached Loudness operation can be performed by parts.
• Buffer amp is built in, so there are few external parts.
• Silicon gate 切 Switching noise generated from the built-in switch by the CMOS process is small, so it is not signaled Switching noise is small.
• Since the zero cross switching circuit is built in, switching noise at the time of signal present is small.
• Built-in reference voltage generation circuit of VDD / 2.
• Each control is performed by serial data input.




Similar Part No. - LC75386NE-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75386NE SANYO-LC75386NE Datasheet
320Kb / 20P
Electronic Volume and Tone Control for Car Stereo Systems
More results


Similar Description - LC75386NE-R

ManufacturerPart #DatasheetDescription
logo
Powerbox
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
I N V E R T E R C H A R G E R
logo
KODENSHI_AUK CORP.
SFN5A300DN KODENSHI-SFN5A300DN Datasheet
534Kb / 5P
Ultrafast R ecovery Power R ectifier
SFN5A600 KODENSHI-SFN5A600 Datasheet
705Kb / 7P
Ultrafast R ecovery Power R ectifier
SFN20A600 KODENSHI-SFN20A600 Datasheet
720Kb / 7P
Ultrafast R ecovery Power R ectifier
logo
Molex Electronics Ltd.
2166201033 MOLEX-2166201033 Datasheet
328Kb / 1P
SQUBA3.6 R-R 3CKT 600MM Sn
2020/07/08
2153101022 MOLEX-2153101022 Datasheet
299Kb / 1P
MizuP25 R-R 2ckt 300mm Sn
2020/07/20
2166201042 MOLEX-2166201042 Datasheet
332Kb / 1P
SQUBA3.6 R-R 4CKT 300MM Sn
2020/07/08
2153101031 MOLEX-2153101031 Datasheet
309Kb / 1P
MizuP25 R-R 3ckt 150mm Sn
2020/07/20
2153101041 MOLEX-2153101041 Datasheet
313Kb / 1P
MizuP25 R-R 4ckt 150mm Sn
2020/07/20
2166201021 MOLEX-2166201021 Datasheet
323Kb / 1P
SQUBA3.6 R-R 2CKT 150MM Sn
2020/07/08
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com