Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75386NE-R Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC75386NE-R
Description  LC75386NE-R/LC75386NW
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NE-R Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC75386NE-R Datasheet HTML 1Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 2Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 3Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 4Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 5Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 6Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 7Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 8Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LC75386NE-R, 75386NW
No.6170-5/23
等価回路/応用回路図
1μF
0.033
μF
0.01
μF
330pF
LF3C1
LF3C2
LF3C3
LTOUT
LF1C2
NC
NC
NC
NC
NC
NC
LF1C3
LF1C1
LVROUT
LTIN
LVref
Vref
LVref
LCOM
LSELO
LVRIN
LCT
10μF
10μF
1μF
0.033
μF
0.01
μF
330pF
RF3C1
RF3C2
RF3C3
RTOUT
RF1C2
RF1C3
RF1C1
RVROUT
RTIN
Vref
Vref
RVref
RVref
RCOM
RSELO
RVRIN
RCT
10μF
10μF
RVref
LVref
・LC75386NW 版について…LZCLP(pin28),RZCLP(pin21)は、NO CONNECT 端子である。
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com