Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75386NE-R Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # LC75386NE-R
Description  LC75386NE-R/LC75386NW
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NE-R Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button LC75386NE-R Datasheet HTML 11Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 12Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 13Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 14Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 15Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 16Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 17Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 18Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 19Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
LC75386NE-R, 75386NW
No.6170-15/23
   ボリウム制御
D8
D9
D10
D11
D12
D13
D14
D15
1dB STEP
0
0dB
1
-1dB
2dB STEP
0000000
0dB
1000000
-2dB
0100000
-4dB
1100000
-6dB
0010000
-8dB
1010000
-10dB
0110000
-12dB
1110000
-14dB
0001000
-16dB
1001000
-18dB
0101000
-20dB
1101000
-22dB
0011000
-24dB
1011000
-26dB
0111000
-28dB
1111000
-30dB
0000100
-32dB
1000100
-34dB
0100100
-36dB
1100100
-38dB
0010100
-40dB
1010100
-42dB
0110100
-44dB
1110100
-46dB
0001100
-48dB
1001100
-50dB
0101100
-52dB
1101100
-54dB
0011100
-56dB
1011100
-58dB
0111100
-60dB
1111100
-62dB
0000010
-64dB
1000010
-66dB
0100010
-68dB
1100010
-70dB
0010010
-72dB
1010010
-74dB
0110010
-76dB
1110010
-78dB
MUTE
1111110
-∞
0111110
INMUTE
動  作



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com