Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75386NE-R Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC75386NE-R
Description  LC75386NE-R/LC75386NW
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NE-R Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC75386NE-R Datasheet HTML 8Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 9Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 10Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 11Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 12Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 13Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 14Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 15Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LC75386NE-R, 75386NW
No.6170-12/23
   フェダーボリウムブロック等価回路図
メインボリウム 1dBSTEP に-∞データを送った場合
S1、S2 がオープンとなり S3、S4 が同時オンとなる。
LFIN
5.437k
FADER=「1」で S2、S3 がオン
FADER=「0」で S1、S4 がオン
単位:Ω
トータル抵抗:50kΩ
4.846k
8.169k
4.094k
LFOUT
LVref
-1dB
-2dB
0dB
S1
S2
S3
S4
6.489k
5.154k
-6dB
-8dB
-4dB
3.252k
2.583k
2.052k
3.419k
-12dB
-14dB
-10dB
1.630k
1.295k
-18dB
-20dB
-16dB
1.300k
0.231k
-45dB
-60dB
-∞dB
-30dB
0.050k
LROUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com