Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75386NE-R Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC75386NE-R
Description  LC75386NE-R/LC75386NW
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NE-R Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC75386NE-R Datasheet HTML 12Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 13Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 14Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 15Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 16Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 17Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 18Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 19Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
LC75386NE-R, 75386NW
No.6170-16/23
   トーン制御
D16
D17
D18
D19
バス
D24
D25
D26
D27
トレブル
0
1
1
0
+12dB
1
0
1
0
+10dB
0
0
1
0
+8dB
1
1
0
0
+6dB
0
1
0
0
+4dB
1
0
0
0
+2dB
0000
0dB
1
0
0
1
-2dB
0
1
0
1
-4dB
1
1
0
1
-6dB
0
0
1
1
-8dB
1
0
1
1
-10dB
0
1
1
1
-12dB
D20
D21
D22
D23
0
0
0
0
0 に設定する
   フェダーボリウム制御
D28
D29
D30
D31
0000
0dB
1
0
0
0
-1dB
0
1
0
0
-2dB
1
1
0
0
-4dB
0
0
1
0
-6dB
1
0
1
0
-8dB
0
1
1
0
-10dB
1
1
1
0
-12dB
0
0
0
1
-14dB
1
0
0
1
-16dB
0
1
0
1
-18dB
1
1
0
1
-20dB
0
0
1
1
-30dB
1
0
1
1
-45dB
0
1
1
1
-60dB
1111
-∞
   チャネル選択制御
D32
D33
00
L/R 同時,イニシャル設定モード
10
RCH
01
LCH
11
L/R 同時
フェダー リア/フロント制御
D34
0リア
1
フロント
動  作
設  定
設  定
設  定



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com