Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75386NE-R Datasheet(PDF) 20 Page - Sanyo Semicon Device

Part # LC75386NE-R
Description  LC75386NE-R/LC75386NW
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NE-R Datasheet(HTML) 20 Page - Sanyo Semicon Device

Back Button LC75386NE-R Datasheet HTML 15Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 16Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 17Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 18Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 19Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 20Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 21Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 22Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 23Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
LC75386NE-R, 75386NW
No.6170-20/23
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-22
-24
-26
-28
-30
-32
-34
-36
-38
-40
-42
-44
-46
-48
-50
-52
-54
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-22
-24
-26
-28
-30
-32
-34
-36
-38
-40
-42
-44
-46
-48
-50
-52
-54
周波数,f − Hz
出力レベル特性
VDD=9V,VSS=0V,VIN=0dBV
オーバーオール
入力=L1,出力=LF OUT
設定:0dB∼-54dBポジション(-2dBステップ)
VDD=9V,VSS=0V,VIN=0dBV
オーバーオール
入力=L1,出力=LF OUT
設定:0dB∼-54dBポジション(-2dBステップ)
周波数,f − Hz
ラウドネス特性
-60
10
23
5
7
23
5
7
23
5
7
23
5
7
100
1k
10k
100k
-50
-40
-30
-20
-10
0
0
10
20
-60
10
23
5
7
23
5
7
23
5
7
23
5
7
100
1k
10k
100k
-50
-40
-30
-20
-10
10
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com