Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75386NE-R Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC75386NE-R
Description  LC75386NE-R/LC75386NW
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NE-R Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75386NE-R Datasheet HTML 7Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 8Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 9Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 10Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 11Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 12Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 13Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 14Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LC75386NE-R, 75386NW
No.6170-11/23
   1dBボリウムブロック等価回路図
   トーンブロック等価回路図
LTOUT
50k
LTIN
5.1k
LVref
5.1k
0.711k
0.648k
12dB
1.015k
1.751k
3.595k
10.977k
10dB
8dB
6dB
4dB
LF1C1
LF1C2
LF1C3
単位:Ω
0.711k
0.648k
12dB
1.015k
1.751k
3.595k
10.977k
10dB
8dB
6dB
4dB
LF3C1
LF3C2
LF3C3
LCH
2dB
ブロックから
イニシャル設定用 SW
イニシャル設定用 SW
5.438k
単位:Ω
トータル抵抗:50kΩ
RCH も同一
44.564k
LVROUT
Vref
-1dB
-∞dB
LCOM
0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com