Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75386NE-R Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC75386NE-R
Description  LC75386NE-R/LC75386NW
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NE-R Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75386NE-R Datasheet HTML 5Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 6Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 7Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 8Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 9Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 10Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 11Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 12Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LC75386NE-R, 75386NW
No.6170-9/23
 内部等価回路
   セレクタブロック等価回路図
トータル抵抗:50kΩ
Rch も同一
単位(抵抗値:Ω)
1.25dB
2.50dB
3.75dB
5.00dB
6.25dB
7.50dB
8.75dB
L5P
L5M
LSELO
0dB
R3=22.65k
R4=25k
R2=25k
R1=22.65k
50k
50k
50k
50k
LVref
LVref
LVref
6.702k
5.804k
5.026k
4.532k
3.769k
3.264k
2.826k
2.447k
2.119k
1.835k
1.589k
1.376k
1.192k
1.032k
0.894k
5.774k
LVref
10.0dB
11.25dB
12.5dB
13.75dB
15.0dB
16.25dB
18.75dB
L4
L3
LVref
LVref
IN MUTE SW
LVref
L2
L1
50k
LVref
L6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com