Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75386NE-R Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC75386NE-R
Description  LC75386NE-R/LC75386NW
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NE-R Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC75386NE-R Datasheet HTML 6Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 7Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 8Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 9Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 10Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 11Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 12Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 13Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LC75386NE-R, 75386NW
No.6170-10/23
   2dBボリウムブロック等価回路図
・タップ上の
 トータル抵抗
 195kΩ
イニシャル設定用 SW
・タップ下の
 トータル抵抗
 30.847kΩ
Rch も同一
単位(抵抗値:Ω)
LCH
1dB
ブロックへ
LVref
41.139k
32.678k
25.957k
20.618k
16.378k
-2dB
-4dB
-6dB
-8dB
-10dB
-12dB
-14dB
0dB
-16dB
-18dB
-20dB
-22dB
-24dB
-26dB
-28dB
-30dB
-32dB
-34dB
-36dB
-38dB
-40dB
-42dB
-44dB
-46dB
-48dB
-50dB
-52dB
-54dB
-56dB
-58dB
-60dB
-62dB
-64dB
-66dB
-68dB
-70dB
-72dB
-74dB
-76dB
-78dB
-∞dB
13.009k
10.334k
8.208k
6.520k
5.179k
4.114k
3.268k
2.596k
2.062k
1.638k
1.301k
6.344k
5.040k
LCT
5.750k
4.003k
3.180k
2.526k
2.006k
1.594k
1.266k
1.006k
0.799k
0.634k
0.504k
0.400k
0.318k
0.253k
0.201k
0.159k
0.127k
0.101k
0.080k
0.063k
0.050k
0.040k
0.154k
LVRIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com