Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75386NE-R Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC75386NE-R
Description  LC75386NE-R/LC75386NW
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NE-R Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC75386NE-R Datasheet HTML 1Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 2Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 3Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 4Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 5Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 6Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 7Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 8Page - Sanyo Semicon Device LC75386NE-R Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LC75386NE-R, 75386NW
No.6170-4/23
ピン配置図
34
33
35
36
37
38
39
40
41
42
43
44
45
46
47
48
32
49
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
4
1
2
3
5
6
7
8
9
10
11
12
13
14
15
16
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
L5P
LFIN
L5M
LFOUT
L4
LROUT
L3
LAVSS
L2
LZCLP
L1
DVSS
L6
CL
LC75386NE−R
LC75386NW
VDD
DI
Vref
CE
R6
MUTE
R1
RAVSS
R2
RZCLP
R3
TIM
R4
RROUT
R5M
RFOUT
R5P
RFIN
(Top view)
200
0
400
600
800
1000
1200
1400
−40
−20
0
20
40
60
80
100
Pd max − Ta
周囲温度, Ta − ℃
基板付き
IC単体
基板 114.3mm×76.2mm×1.5mm
200
0
400
600
800
1000
1200
1040
500
1400
−40
−20
0
20
40
60
80
100
Pd max − Ta
周囲温度, Ta − ℃
指定基板付き
420
200
単体
基板サイズ:114.3×76.1×1.6t mm
基板材質:ガラスエポキシ
[LC75386NE-R]
[LC75386NW]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com