Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet (PDF) - STMicroelectronics

STEC01 Datasheet PDF - STMicroelectronics
Part # STEC01
Download  STEC01 Download
File Size   1185.9 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ground path safety switch with programmable timers

STEC01 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEC01 Datasheet PDF - STMicroelectronics

Part # STEC01
Download  STEC01 Click to download

File Size   1185.9 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ground path safety switch with programmable timers

STEC01 Datasheet (HTML) - STMicroelectronics


STEC01 Product details

Features
• Input voltage range from 2.2 to 5 V
• 12 mΩ typ. N-channel FET RDS(on)
• 7 A continuous current capability
• PWM control signal from 4 Hz to 5 kHz, with 30% to 100% duty cycle
• 30 μA battery supply current
• 2 programmable timers: T1, T3
• 1 fixed timer T2
• Input undervoltage lockout
• VFQFPN 3x3x0.9 16L, 0.5 mm pitch package

Description
The STEC01 is an integrated programmable 12 mΩ power switch managed by the
timer based circuitry.
The device has 3 timers designed to interrupt the ground path of a power application
after a maximum on-time and inhibits the restart of the platform during a cooling
window. The maximum on-time can be set from few seconds to hundreds of seconds,
while the cooling window can be programmed to 69, 345 and 1380 seconds.
3 multi-level input pins, combined with a programmable oscillator and a fixed
oscillator, are used to set the timing.
An input continuous or pulsed signal applied to the PWM pin starts the internal logic
and counters. In case of a normal operation, as soon as the activity on the PWM pin
stops, the device automatically enters idle mode, waiting for a new valid PWM signal
to be applied. If the device detects a fault condition, a reset pulse is generated and
the safety MOSFET is turned off and managed according to a predefined state
machine.
The STEC01 has a continuous current capability up to 7 A through the internal power
MOSFET. A higher current can be supported by using an external power transistor
driven through GDRV pin.
A rising edge on the HW_RESET input pin generates a 57 ms pulse on the
RESET_FAULT pin. This function can be used to notify the connection of an external
power source (e.g. USB).

Applications
• Electronic cigarettes
• Timing/reset circuitry
• Ground path protection circuitry




Similar Part No. - STEC01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STE VISHAY-STE Datasheet
92Kb / 3P
SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
25-Aug-08
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
ABB cable glands ??STE Star Teck짰 extreme series
logo
Vishay Siliconix
STE VISHAY-STE Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
logo
SICK AG
STE-0612G000GA3KM0 SICK-STE-0612G000GA3KM0 Datasheet
559Kb / 9P
SAFETY LIGHT CURTAINS
2024-03-01 06:41:22
STE-0612W000GA3KM0 SICK-STE-0612W000GA3KM0 Datasheet
328Kb / 4P
Plug connector
More results


Similar Description - STEC01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS292 TI-SN54LS292 Datasheet
296Kb / 8P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
logo
RF Micro Devices
RF3320 RFMD-RF3320 Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
logo
List of Unclassifed Man...
DHA52CM24S16 ETC2-DHA52CM24S16 Datasheet
78Kb / 3P
Timers Fully programmable
logo
Texas Instruments
SN54LS292 TI-SN54LS292_08 Datasheet
509Kb / 16P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
logo
FSP TECHNOLOGY INC.
FSP085-DBCM1 FSP-FSP085-DBCM1 Datasheet
119Kb / 1P
Low safety ground leakage current
FSP105-KBAM1 FSP-FSP105-KBAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KEAM1 FSP-FSP105-KEAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KHAM1 FSP-FSP105-KHAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KKAM1 FSP-FSP105-KKAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
logo
Maxim Integrated Produc...
MAX8601EVKIT MAXIM-MAX8601EVKIT Datasheet
522Kb / 6P
Programmable On-Chip Charge Timers
Rev 0; 8/05
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com