Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 4 Page - STMicroelectronics

  STEC01 Datasheet HTML 1Page - STMicroelectronics STEC01 Datasheet HTML 2Page - STMicroelectronics STEC01 Datasheet HTML 3Page - STMicroelectronics STEC01 Datasheet HTML 4Page - STMicroelectronics STEC01 Datasheet HTML 5Page - STMicroelectronics STEC01 Datasheet HTML 6Page - STMicroelectronics STEC01 Datasheet HTML 7Page - STMicroelectronics STEC01 Datasheet HTML 8Page - STMicroelectronics STEC01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
3
Typical application diagram
Figure 3. Typical application diagram, Iload up to 7 A
MCU
DC-DC
PChannel
PWM FET
Main control board
Protection board
PWR
PWM
Reset\Fault
T1p1
T1p2
T3p
HW_reset
(1)
(1) Suggested for high inductive actuator
TPF
RTPF
VBAT
200kΩ
100nF
1uF
GDRV
100kΩ
Up to 30V
STEC01
B
A
T
T
E
R
Y
Figure 4. Typical application diagram, Iload > 7 A, external MOSFET
MCU
DC-DC
B
A
T
T
E
R
Y
PChannel
PWM FET
Main control board
Protection board
PWR
PWM
Reset\Fault
T1p1
T1p2
T3p
HW_reset
STEC01
(1)
(1) Suggested for high inductive actuator
TPF
RTPF
VBAT
200kΩ
Up to 30V
100nF
1uF
GDRV
100kΩ
STEC01
Typical application diagram
DS13063 - Rev 2
page 4/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com