Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STEC01 Datasheet HTML 14Page - STMicroelectronics STEC01 Datasheet HTML 15Page - STMicroelectronics STEC01 Datasheet HTML 16Page - STMicroelectronics STEC01 Datasheet HTML 17Page - STMicroelectronics STEC01 Datasheet HTML 18Page - STMicroelectronics STEC01 Datasheet HTML 19Page - STMicroelectronics STEC01 Datasheet HTML 20Page - STMicroelectronics STEC01 Datasheet HTML 21Page - STMicroelectronics STEC01 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Contents
1
Block diagram .....................................................................2
2
Pin configuration ..................................................................3
3
Typical application diagram ........................................................4
4
Maximum ratings ..................................................................5
5
Electrical characteristics...........................................................6
6
General description................................................................8
6.1
T1 timer settings ............................................................... 8
6.2
Timer expiration: normal mode ................................................... 9
6.3
T1 timer expiration: fault mode .................................................. 10
6.4
HW_RESET functionality ....................................................... 11
7
Typical performance characteristics ..............................................12
8
Package information..............................................................14
8.1
VFQFPN 3x3x0.9 16L package information........................................ 15
Revision history .......................................................................18
STEC01
Contents
DS13063 - Rev 2
page 19/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com