Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 1 Page - STMicroelectronics

  STEC01 Datasheet HTML 1Page - STMicroelectronics STEC01 Datasheet HTML 2Page - STMicroelectronics STEC01 Datasheet HTML 3Page - STMicroelectronics STEC01 Datasheet HTML 4Page - STMicroelectronics STEC01 Datasheet HTML 5Page - STMicroelectronics STEC01 Datasheet HTML 6Page - STMicroelectronics STEC01 Datasheet HTML 7Page - STMicroelectronics STEC01 Datasheet HTML 8Page - STMicroelectronics STEC01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
•
Input voltage range from 2.2 to 5 V
•
12 mΩ typ. N-channel FET RDS(on)
•
7 A continuous current capability
•
PWM control signal from 4 Hz to 5 kHz, with 30% to 100% duty cycle
•
30 µA battery supply current
•
2 programmable timers: T1, T3
•
1 fixed timer T2
•
Input undervoltage lockout
•
VFQFPN 3x3x0.9 16L, 0.5 mm pitch package
Applications
•
Electronic cigarettes
•
Timing/reset circuitry
•
Ground path protection circuitry
Description
The STEC01 is an integrated programmable 12 mΩ power switch managed by the
timer based circuitry.
The device has 3 timers designed to interrupt the ground path of a power application
after a maximum on-time and inhibits the restart of the platform during a cooling
window. The maximum on-time can be set from few seconds to hundreds of seconds,
while the cooling window can be programmed to 69, 345 and 1380 seconds.
3 multi-level input pins, combined with a programmable oscillator and a fixed
oscillator, are used to set the timing.
An input continuous or pulsed signal applied to the PWM pin starts the internal logic
and counters. In case of a normal operation, as soon as the activity on the PWM pin
stops, the device automatically enters idle mode, waiting for a new valid PWM signal
to be applied. If the device detects a fault condition, a reset pulse is generated and
the safety MOSFET is turned off and managed according to a predefined state
machine.
The STEC01 has a continuous current capability up to 7 A through the internal power
MOSFET. A higher current can be supported by using an external power transistor
driven through GDRV pin.
A rising edge on the HW_RESET input pin generates a 57 ms pulse on the
RESET_FAULT pin. This function can be used to notify the connection of an external
power source (e.g. USB).
Product status link
STEC01
Product summary
Order code
STEC01PUR
Package
VFQFPN 3x3x0.9
16L
Ground path safety switch with programmable timers
STEC01
Datasheet
DS13063 - Rev 2 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEC01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STE VISHAY-STE Datasheet
92Kb / 3P
SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
25-Aug-08
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
ABB cable glands ??STE Star Teck짰 extreme series
logo
Vishay Siliconix
STE VISHAY-STE Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
logo
SICK AG
STE-0612G000GA3KM0 SICK-STE-0612G000GA3KM0 Datasheet
559Kb / 9P
SAFETY LIGHT CURTAINS
2024-03-01 06:41:22
STE-0612W000GA3KM0 SICK-STE-0612W000GA3KM0 Datasheet
328Kb / 4P
Plug connector
More results

Similar Description - STEC01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS292 TI-SN54LS292 Datasheet
296Kb / 8P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
logo
RF Micro Devices
RF3320 RFMD-RF3320 Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
logo
List of Unclassifed Man...
DHA52CM24S16 ETC2-DHA52CM24S16 Datasheet
78Kb / 3P
Timers Fully programmable
logo
Texas Instruments
SN54LS292 TI-SN54LS292_08 Datasheet
509Kb / 16P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
logo
FSP TECHNOLOGY INC.
FSP085-DBCM1 FSP-FSP085-DBCM1 Datasheet
119Kb / 1P
Low safety ground leakage current
FSP105-KBAM1 FSP-FSP105-KBAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KEAM1 FSP-FSP105-KEAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KHAM1 FSP-FSP105-KHAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KKAM1 FSP-FSP105-KKAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
logo
Maxim Integrated Produc...
MAX8601EVKIT MAXIM-MAX8601EVKIT Datasheet
522Kb / 6P
Programmable On-Chip Charge Timers
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com