Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STEC01 Datasheet HTML 5Page - STMicroelectronics STEC01 Datasheet HTML 6Page - STMicroelectronics STEC01 Datasheet HTML 7Page - STMicroelectronics STEC01 Datasheet HTML 8Page - STMicroelectronics STEC01 Datasheet HTML 9Page - STMicroelectronics STEC01 Datasheet HTML 10Page - STMicroelectronics STEC01 Datasheet HTML 11Page - STMicroelectronics STEC01 Datasheet HTML 12Page - STMicroelectronics STEC01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
The typical example of RTPF calculation to obtain T1=6 minutes (3600 s): select the x256 pre-scaler (according to
the ranges reported in Figure 5. Timer configuration truth table, by keeping T1P1 floating and T1P2=1. Divide
3600 s by selected pre-scaler value (256) and obtain 14.06 s that in the graph above corresponds to RTPF = 280
kΩ.
6.2
Timer expiration: normal mode
Figure 7. Normal power cycle shows a typical power cycle not triggering a fault condition. In this example a PWM
signal with duty cycle lower than 100% is applied to also show T2 timer functionality but a 100% duty cycle can be
used as well.
When a rising edge on the PWM input pin is detected (a), T1 is started, the internal power MOSFET is turned on
and the external gate drive pin is activated. As soon as a falling edge of the PWM signal is detected, T2 is started.
The purpose of T2 is to detect the end of the power cycle. After the power cycle starts, every high level of the
PWM signal resets T2.
If the PWM signal is in line with requirements (4 Hz < fPWM <5 kHz, duty cycle >30%), its low time is always lower
than 285 ms (typ., T2 fixed value) and T2 never expires till the end of the power cycle (b). T2 is started and reset
at each PWM period.
After the power cycles ends, the voltage at PWM input remains low for more than 285 ms causing the expiration
of T2 (c). When T2 expires, the internal N-channel power MOSFET is turned off, the GDRV output is deactivated
and the device enters idle mode (low power consumption mode) during which it keeps monitoring the PWM line
waiting for a new cycle to start.
In this example the time duration of the full power cycle (a to c) is lower than the maximum on-time programmed
for T1.
Figure 7. Normal power cycle
PWM
T1
T2
T1 & T2
Reset
IC
STAND BY
(a)
(b)
(c)
T3
0.285s
GDRV Status
SF ON
SF OFF
a) Start on first PWM rising edge. Global reset
b) 8 s elapsed, PWM stops toggling
c) T2 expires, T1/T2 are reset, IC goes to idle mode, ready for next PWM cycle
STEC01
Timer expiration: normal mode
DS13063 - Rev 2
page 9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com