Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEC01 Datasheet HTML 6Page - STMicroelectronics STEC01 Datasheet HTML 7Page - STMicroelectronics STEC01 Datasheet HTML 8Page - STMicroelectronics STEC01 Datasheet HTML 9Page - STMicroelectronics STEC01 Datasheet HTML 10Page - STMicroelectronics STEC01 Datasheet HTML 11Page - STMicroelectronics STEC01 Datasheet HTML 12Page - STMicroelectronics STEC01 Datasheet HTML 13Page - STMicroelectronics STEC01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
6.3
T1 timer expiration: fault mode
Figure 8. T1 expiration, fault mode shows an example of platform failure triggering the protection function of the
IC. In this case, the power control unit keeps generating the power PWM signal for a time longer than expected.
As per previous case, the device exits idle mode, starts T1, turns on the internal N-channel power MOSFET and
activates the GDRV output as soon as a rising edge on PWM is detected (a).
The PWM signal keeps commutating for more than the maximum programmed on-time causing T1 to expire and
making the device enter fault mode (b).
In fault mode, the internal power MOSFET is turned off, the GDRV output is deactivated, a reset pulse on the
RESET/FAULT pin is generated and the device starts waiting for the fault condition to be removed. The condition
to exit fault mode is a low voltage level at the PWM pin for more than T2 ((d) to (e), 285 ms typ.). When the fault
removal is detected (e), T3 timer is started. During T3 (cooling window), any activity on the PWM line is ignored
and the power MOSFETs (both internal or external if used) are kept off to let the application cool down.
After T3 expires, the device enters again idle mode and is ready for a new cycle.
Figure 8. T1 expiration, fault mode
PWM: 30%up to 100% duty cycle
T1
T2
(b)
T3
(a)
(e)
(c) (d)
SF
OFF
SW FAULT
EXAMPLE
GDRV Status
SF ON
IC
IDLE MODE
57ms
Reset
285ms
(f)
a) Global reset on first PWM rising edge, T1 starts, SF ON
b) T1 expires, SF is turned OFF and 57 ms reset pulse is generated
c) 57 ms reset pulse ends
d) PWM stops toggling (or goes stable low) and T2 starts 285 ms timer
e) T2 expires and T3 starts
f) T3 expires, the device goes to idle mode and SF can be turned ON again if needed (by PWM rising edge)
STEC01
T1 timer expiration: fault mode
DS13063 - Rev 2
page 10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com