Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STEC01 Datasheet HTML 14Page - STMicroelectronics STEC01 Datasheet HTML 15Page - STMicroelectronics STEC01 Datasheet HTML 16Page - STMicroelectronics STEC01 Datasheet HTML 17Page - STMicroelectronics STEC01 Datasheet HTML 18Page - STMicroelectronics STEC01 Datasheet HTML 19Page - STMicroelectronics STEC01 Datasheet HTML 20Page - STMicroelectronics STEC01 Datasheet HTML 21Page - STMicroelectronics STEC01 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin configuration................................................................... 3
Figure 3.
Typical application diagram, Iload up to 7 A ................................................. 4
Figure 4.
Typical application diagram, Iload > 7 A, external MOSFET ...................................... 4
Figure 5.
Timer configuration truth table ......................................................... 7
Figure 6.
T1 vs RTPF- prescaler x1 ............................................................. 8
Figure 7.
Normal power cycle................................................................. 9
Figure 8.
T1 expiration, fault mode ............................................................ 10
Figure 9.
HW_RESET input functionality ........................................................ 11
Figure 10.
RDS(on) vs VBAT, room temperature..................................................... 12
Figure 11.
RDS(on) vs VBAT@-40 °C ............................................................ 12
Figure 12.
RDS(on) vs VBAT@-85 °C ............................................................ 12
Figure 13.
Reset pulse width: VBAT=3.7 V T1P1=T1P2=T3P=GND, ROSC=100 kΩ ........................... 12
Figure 14.
PWM VIH_MIN: VBAT=3.7 V .......................................................... 12
Figure 15.
PWM VIL_MAX: VBAT=3.7 V .......................................................... 12
Figure 16.
HW_RESET VIH_MIN: VBAT=3.7 V ..................................................... 13
Figure 17.
HW_RESET VIL_MAX: VBAT=3.7 V ..................................................... 13
Figure 18.
IBATT_ACTIVE: VBAT=3.7 V ......................................................... 13
Figure 19.
IBATT_IDLE: VBAT=3.7V............................................................ 13
Figure 20.
Leakage TxPy pin: VTxPY@5 V ........................................................ 13
Figure 21.
Leakage PWR: VPWR@10 V ......................................................... 13
Figure 22.
VFQFPN 3x3x0.9 package outline ..................................................... 15
Figure 23.
VFQFPN 3x3x0.9 recommended footprint ................................................ 17
STEC01
List of figures
DS13063 - Rev 2
page 21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com