Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STEC01 Datasheet HTML 12Page - STMicroelectronics STEC01 Datasheet HTML 13Page - STMicroelectronics STEC01 Datasheet HTML 14Page - STMicroelectronics STEC01 Datasheet HTML 15Page - STMicroelectronics STEC01 Datasheet HTML 16Page - STMicroelectronics STEC01 Datasheet HTML 17Page - STMicroelectronics STEC01 Datasheet HTML 18Page - STMicroelectronics STEC01 Datasheet HTML 19Page - STMicroelectronics STEC01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Table 5. VFQFPN 3x3x0.9 mechanical data
Symbol
Milimeters
Min
Typ
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
0.20
b
0.18
0.25
0.30
D
3.00
D2
1.55
1.70
1.80
E
3.00
E2
1.55
1.70
1.80
e
0.50
L
0.20
0.30
0.40
K
0.20
aaa
0.05
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
Note:
VFQFPN - standard for thermally enhanced very thin fine pitch quad flat package no leads. The leads size is
comprehensive of the thickness of the leads finishing material. Dimensions do not include mold protrusion, not to
exceed 0,15 mm. Package outline exclusive of metal burr dimensions.
STEC01
VFQFPN 3x3x0.9 16L package information
DS13063 - Rev 2
page 16/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com