Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STEC01 Datasheet HTML 4Page - STMicroelectronics STEC01 Datasheet HTML 5Page - STMicroelectronics STEC01 Datasheet HTML 6Page - STMicroelectronics STEC01 Datasheet HTML 7Page - STMicroelectronics STEC01 Datasheet HTML 8Page - STMicroelectronics STEC01 Datasheet HTML 9Page - STMicroelectronics STEC01 Datasheet HTML 10Page - STMicroelectronics STEC01 Datasheet HTML 11Page - STMicroelectronics STEC01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
6
General description
The STEC01 is an integrated low-side 12 mΩ N-channel power MOSFET used to protect applications where a big
amount of current flows from the battery to an actuator such as the heater inside an e-cigarette. The maximum
on-time can be configured for the actuator with a range from 5 s to 20480 s. Once the set time expires, the
actuator is disconnected from the GND path.
The device monitors the PWM activity and as soon as a rising edge is detected it exits the idle mode, turns the N-
channel power MOSFET on to connect the actuator to the GND path and starts the setting on-time timer (T1). As
soon as a falling edge on PWM is detected, a 285 ms timer (T2) is started and, if within such time no further PWM
activity is recognized, the N-channel MOSFET is turned off and the device enters idle mode till a new PWM signal
is detected (Figure 6. T1 vs RTPF- prescaler x1). Depending on the user's application, the device works with a
continuous or pulsed PWM signal.
If, for any reason, the PWM duration is longer than the value set for timer T1, a fault event is detected, the N-
channel MOSFET is turned off and a fault signal is generated. In order to exit fault mode, a stable low voltage
level on the PWM pin is required. Once the PWM goes low, T2 starts counting about 250 ms to make sure the
fault has been removed and as soon as it expires, the T3 timer is started. Timer T3 sets the cooling window
during which any new activity on the PWM pin is ignored and the internal N-channel power MOSFET is kept OFF
(T3 can be programmed to 69 s, 345 s or 1380 s). Once T3 expires, a new power cycle can be started by a valid
PWM signal.
The STEC01 is able to manage a continuous current up to 7 A through the internal power MOSFET. A higher
current can be supported by using an external N-channel power MOSFET driven through GDRV pin.
A rising edge on the HW_RESET input pin generates a 57 ms pulse on the RESET_FAULT pin that can be
detected by a dedicated MCU GPIO. This function can be used to notify the connection of an external power
source (e.g. USB).
6.1
T1 timer settings
Figure 6. T1 vs RTPF- prescaler x1 reports the typical T1 curve vs setting resistor RTPF when the prescaler x1 is
selected. It allows the user to set T1 from 5 s to 20 s as reported in Figure 5. Timer configuration truth table.
Figure 6. T1 vs RTPF- prescaler x1
0
5
10
15
20
25
50
100
150
200
250
300
350
400
450
RTPF [kΩ]
For a longer setting time, please refer to the example below:
STEC01
General description
DS13063 - Rev 2
page 8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com