Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 3 Page - STMicroelectronics

  STEC01 Datasheet HTML 1Page - STMicroelectronics STEC01 Datasheet HTML 2Page - STMicroelectronics STEC01 Datasheet HTML 3Page - STMicroelectronics STEC01 Datasheet HTML 4Page - STMicroelectronics STEC01 Datasheet HTML 5Page - STMicroelectronics STEC01 Datasheet HTML 6Page - STMicroelectronics STEC01 Datasheet HTML 7Page - STMicroelectronics STEC01 Datasheet HTML 8Page - STMicroelectronics STEC01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2
Pin configuration
Figure 2. Pin configuration
Table 1. Pin configuration
Symbol
Pin
Description
RESET\FAULT
1
Open drain output, active low. It generates a 57 ms pulse if a fault condition is detected or
when HW_RESET\USB is pulled high
VBAT
2
Battery supply voltage. Bypass this pin to GND with a 1 µF ceramic capacitor
AGND
3
Analog GND. Connect it to a dedicated ground path
TPF
4
T1 oscillator programming pin. Connect a resistor to GND, to achieve a frequency ranging from
100 kHz to 400 kHz
T1P1
5
T1 timer programming pin. Connect to VBAT, GND or floating to select T1 prescaler (hard
wired). See Figure 5. Timer configuration truth table
T1P2
6
T3P
7
T3 timer programming pin. Connect to VBAT, GND or floating (hard wired). See Figure 5. Timer
configuration truth table
PGND
8, 9, 10
Power ground (internal N-channel power MOS source terminal)
PWR
11, 12, 13 Input power voltage (internal N-channel power MOS drain terminal)
GDRV
14
Gate driver output. Leave floating if it is not used
HW_RESET\USB
15
Input hardware reset. Do not leave floating. If it is not used, put to GND
PWM
16
Input control signal, 4 Hz to 5 kHz, 30%-100% duty cycle
GND
EXP
Exposed pad, connect to thermal ground plane
STEC01
Pin configuration
DS13063 - Rev 2
page 3/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com