Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEC01 Datasheet HTML 3Page - STMicroelectronics STEC01 Datasheet HTML 4Page - STMicroelectronics STEC01 Datasheet HTML 5Page - STMicroelectronics STEC01 Datasheet HTML 6Page - STMicroelectronics STEC01 Datasheet HTML 7Page - STMicroelectronics STEC01 Datasheet HTML 8Page - STMicroelectronics STEC01 Datasheet HTML 9Page - STMicroelectronics STEC01 Datasheet HTML 10Page - STMicroelectronics STEC01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VPT
Programming threshold pins VIH,
input logic high
Applies to T1P1, T1P2, T3P
V
1.9
IPT
Programming input pins leakage
current
Applies to T1P1, T1P2, T3P. VPT=5 V
1
µA
T1
Timer accuracy
T1P1,T1P2=GND, RTPF =91 kΩ
4
5
6
s
T2
0.250 0.285 0.330
T3
T3P=GND
60
69
80
OTP
Overtemperature protection
PWR OFF
160
°C
OTP_HYST
OTP hysteresis
PWR ON
20
1. Guaranteed by design.
Figure 5. Timer configuration truth table
T1p1
T1P2
Prescaler
T1 [s]
T2 [ms]
0
0
x1
5 - 20
250
Floating
0
x4
20 - 80
1
0
x16
80 - 320
0
1
x64
320 - 1280
T3p
T3[s]
Floating
1
x256
1280 - 5120
0
60
1
1
x1024
5120 - 20480
Floating
345
0
Floating
Do not use
1
1380
Floating
Floating
1
Floating
Connect 100 kΩ 1% tolerance between RTPF and GND to obtain minimum values
Connect 400 kΩ 1% tolerance between RTPF and GND to obtain maximum values
Note:
See Section 6.1 T1 timer settings for more details.
STEC01
Electrical characteristics
DS13063 - Rev 2
page 7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com