Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STEC01 Datasheet HTML 7Page - STMicroelectronics STEC01 Datasheet HTML 8Page - STMicroelectronics STEC01 Datasheet HTML 9Page - STMicroelectronics STEC01 Datasheet HTML 10Page - STMicroelectronics STEC01 Datasheet HTML 11Page - STMicroelectronics STEC01 Datasheet HTML 12Page - STMicroelectronics STEC01 Datasheet HTML 13Page - STMicroelectronics STEC01 Datasheet HTML 14Page - STMicroelectronics STEC01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
6.4
HW_RESET functionality
The HW_RESET input can be used to monitor an input power line (e.g. USB) to notify the connection to the
platform control unit.
When the signal on the HW_REST pin is more than VHW_RESET threshold, after a deglitch time of the 10 ms
(typ.), a 57 ms (typ.) pulse is generated on the RESET/FAULT output pin. If several pulses longer than the
deglitch time are detected, during the RESET/FAULT low time, the pulse duration is extended (see events (a) and
(b) in the example below).
Figure 9. HW_RESET input functionality
RESET/FAULT
(a)
HW_RESET
(b)
(c)
57ms
57ms
a) HW_RESET is higher than VHW_RESET threshold for more than the deglitch time of 10 ms (typ.), a 57 ms reset
fault pulse is generated
b) HW_RESET goes down and rises again above the VHW_RESET threshold for more than the deglitch time, a new
50 ms reset fault signal is generated overlapping the previous one
c) HW_RESET is higher than VHW_RESET threshold for more than deglitch time on rising edge and remains high
Note:
A Schmitt trigger is used in the input stage of HW_RESET. If the HW_RESET is used for USB VBus line
monitoring, during USB disconnection, in case of voltage bouncing, a reset might be generated.
STEC01
HW_RESET functionality
DS13063 - Rev 2
page 11/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com