Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEC01 Datasheet HTML 2Page - STMicroelectronics STEC01 Datasheet HTML 3Page - STMicroelectronics STEC01 Datasheet HTML 4Page - STMicroelectronics STEC01 Datasheet HTML 5Page - STMicroelectronics STEC01 Datasheet HTML 6Page - STMicroelectronics STEC01 Datasheet HTML 7Page - STMicroelectronics STEC01 Datasheet HTML 8Page - STMicroelectronics STEC01 Datasheet HTML 9Page - STMicroelectronics STEC01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
5
Electrical characteristics
TA = 25 °C, VBAT = 3.7 V, CBAT = 1 μF, T1P1=T1P2=GND, RTPF = 100 kΩ, T3P = GND, unless otherwise
specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VBAT
Supply voltage range
2.2
5
V
VUVLO
Undervoltage lockout
Turn-on, voltage rising,
TA from -40 to 85 °C
1.7
1.9
2.2
V
VHyst
UVLO hysteresis
VBAT falling
0.05
V
tBATT_PWM
VBAT valid to PWM time
VBAT rising above UVLO then PWM rising
1
3.5
ms
VPWM
PWM input voltage range
TA from -40 to 85 °C
1
10
V
VIL_MAX
PWM threshold
TA from -40 to 85 °C
0.3
V
VIH_MIN
0.9
PWM_HysT
PWM hysteresis
0.006 0.05
FPWM
PWM operating frequency
(1)
4
5000
Hz
tPWM_HI
PWM minimum high time
40
µs
RDS(on)
Internal power MOSFET on-
resistance
VBAT = 2.5 V, IPWR=1 A
12
mΩ
VBAT = 3 V, IPWR=1 A
11.3
TA from -40 to 85 °C, VBAT=>2.5 V IPWR=1 A
20
IL_PWR
NFET leakage current
PWR=10 V, fault condition
1.5
µA
IBATT
Battery supply current
VBAT from 2.2 to 5 V, active mode
30
µA
IBATT_IDLE
Idle battery current
IC in idle-mode
2
4
µA
IC in idle-mode,
TA from -40 to 85 °C
10
RGDRV_H
Gate drive high resistance
IGDRV=5 mA, PWM=high,
T1 and T2 not expired
30
Ω
RGDRV_L
Gate drive low resistance
IGDRV=-5 mA,
IC idle or in fault mode
8
VHW_RESET
Hardware reset threshold
TA from -40 to 85 °C
0.3
0.9
V
IHW_RESET
Hardware reset leakage
TA from -40 to 85 °C, VHW_RESET=10 V
1
µA
tHW_RESET_dl
Hardware reset deglitch time
10
ms
VRESET/FAULT
VOL_MAX
IRESET=2 mA, fault condition,
TA from -40 to 85 °C
0.2
V
IRESET/FAULT
Reset leakage current
VRESET/FAULT=5 V,
TA from -40 to 85 °C
1
µA
tPW_RESET
Reset pulse width
50
57
66
ms
VPT
Programming threshold pins VIL,
input logic low
Applies to T1P1, T1P2, T3P
0.2
V
STEC01
Electrical characteristics
DS13063 - Rev 2
page 6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com