Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STEC01 Datasheet HTML 9Page - STMicroelectronics STEC01 Datasheet HTML 10Page - STMicroelectronics STEC01 Datasheet HTML 11Page - STMicroelectronics STEC01 Datasheet HTML 12Page - STMicroelectronics STEC01 Datasheet HTML 13Page - STMicroelectronics STEC01 Datasheet HTML 14Page - STMicroelectronics STEC01 Datasheet HTML 15Page - STMicroelectronics STEC01 Datasheet HTML 16Page - STMicroelectronics STEC01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Figure 16. HW_RESET VIH_MIN: VBAT=3.7 V
0.45
0.55
0.65
0.75
0.85
0.95
1.05
-45
-25
-5
15
35
55
75
95
Temp [°C]
Figure 17. HW_RESET VIL_MAX: VBAT=3.7 V
0.45
0.55
0.65
0.75
0.85
0.95
1.05
-45
-25
-5
15
35
55
75
95
Temp [°C]
Figure 18. IBATT_ACTIVE: VBAT=3.7 V
5.00
15.00
25.00
35.00
45.00
55.00
-45
-25
-5
15
35
55
75
95
Temp [°C]
Figure 19. IBATT_IDLE: VBAT=3.7V
0.00
1.00
2.00
3.00
4.00
5.00
6.00
-45
-25
-5
15
35
55
75
95
Temp [°C]
Figure 20. Leakage TxPy pin: VTxPY@5 V
3
4
5
6
7
8
9
-45
-25
-5
15
35
55
75
95
Temp [°C]
Figure 21. Leakage PWR: VPWR@10 V
0
500
1000
1500
2000
2500
-45
-25
-5
15
35
55
75
95
Temp [°C]
STEC01
Typical performance characteristics
DS13063 - Rev 2
page 13/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com