Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STEC01 Datasheet HTML 8Page - STMicroelectronics STEC01 Datasheet HTML 9Page - STMicroelectronics STEC01 Datasheet HTML 10Page - STMicroelectronics STEC01 Datasheet HTML 11Page - STMicroelectronics STEC01 Datasheet HTML 12Page - STMicroelectronics STEC01 Datasheet HTML 13Page - STMicroelectronics STEC01 Datasheet HTML 14Page - STMicroelectronics STEC01 Datasheet HTML 15Page - STMicroelectronics STEC01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
7
Typical performance characteristics
Figure 10. RDS(on) vs VBAT, room temperature
11
11.5
12
12.5
13
13.5
14
14.5
2
2.5
3
3.5
4
4.5
5
5.5
VBAT [V]
RDS ON@1A
RDS ON@2A
RDS ON@5A
Figure 11. RDS(on) vs VBAT@-40 °C
7
7.5
8
8.5
9
9.5
10
10.5
11
11.5
12
2
2.5
3
3.5
4
4.5
5
5.5
VBAT [V]
RDS ON@1A
RDS ON@2A
RDS ON@5A
Figure 12. RDS(on) vs VBAT@-85 °C
13.5
14
14.5
15
15.5
16
16.5
17
17.5
2
2.5
3
3.5
4
4.5
5
5.5
VBAT [V]
RDS ON@1A
RDS ON@2A
RDS ON@5A
Figure 13. Reset pulse width: VBAT=3.7 V
T1P1=T1P2=T3P=GND, ROSC=100 kΩ
Figure 14. PWM VIH_MIN: VBAT=3.7 V
0.45
0.55
0.65
0.75
0.85
0.95
1.05
-45
-25
-5
15
35
55
75
95
Temp [°C]
Figure 15. PWM VIL_MAX: VBAT=3.7 V
0.45
0.55
0.65
0.75
0.85
0.95
1.05
-45
-25
-5
15
35
55
75
95
Temp [°C]
STEC01
Typical performance characteristics
DS13063 - Rev 2
page 12/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com