Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEC01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEC01
Description  Ground path safety switch with programmable timers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEC01 Datasheet(HTML) 5 Page - STMicroelectronics

  STEC01 Datasheet HTML 1Page - STMicroelectronics STEC01 Datasheet HTML 2Page - STMicroelectronics STEC01 Datasheet HTML 3Page - STMicroelectronics STEC01 Datasheet HTML 4Page - STMicroelectronics STEC01 Datasheet HTML 5Page - STMicroelectronics STEC01 Datasheet HTML 6Page - STMicroelectronics STEC01 Datasheet HTML 7Page - STMicroelectronics STEC01 Datasheet HTML 8Page - STMicroelectronics STEC01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
4
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VBAT
Supply voltage pin to AGND
-0.3 to 6
V
PWM
PWM input signal to AGND
-0.3 to 11.5
V
T1P1,T1P2 ,T3P
Timing setting pins to AGND
-0.3 to VBAT+0.3
V
TPF
T1 oscillator programming pin to AGND
-0.3 to 1.8
V
HW_RESET
Hardware reset pin to AGND
-0.3 to 11.5
V
RESET/FAULT
Open drain pin to PGND
-0.3 to 6
V
GDRV
Gate driver pin to PGND
-0.3 to VBAT+0.3
V
PWR
Input power voltage pin to PGND
-0.3 to 11.5
V
IPWR
DC N-channel power MOSFET current
7
A
TJ-MAX
Maximum junction temperature
150
°C
TSTG
Storage temperature
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthja
Thermal resistance, junction-to-ambient
42
°C/W
Rthjc
Thermal resistance, junction-to-case
5
°C/W
Note:
thermal test board JESD51-7, 4-layer PCB (2s2p)
STEC01
Maximum ratings
DS13063 - Rev 2
page 5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com