Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-DR/CLIP Datasheet (PDF) - Recom International Power

R-DR/CLIP Datasheet PDF - Recom International Power
Part # R-DR/CLIP
Download  R-DR/CLIP Download
File Size   1367.36 Kbytes
Page   10 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 30 Watt Single/Dual Output

R-DR/CLIP Datasheet (PDF)

Go To PDF Page Download Datasheet
R-DR/CLIP Datasheet PDF - Recom International Power

Part # R-DR/CLIP
Download  R-DR/CLIP Click to download

File Size   1367.36 Kbytes
Page   10 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 30 Watt Single/Dual Output

R-DR/CLIP Datasheet (HTML) - Recom International Power


R-DR/CLIP Product details

Description
RACM30-K/277 AC/DC modules provide a leading thermally effective Power yield of 9.2 Watts per
inch³ at 60°C still air for continuous loads of 30 Watts plus additional peak capability. These Modules operate in a temperature range of -40° to 90°C in compliance with safety standards of medical MOPP, household-, industrial, and measurement markets. Safety reports rate the series as LPS limited power source and OVCIII for an operating altitude of up to 5000m. A comfortable margin to EMI Class B limits, even with outputs connected to the ground, ease system implementation for quick time-to-market without additional external circuitry such as fuses or filters. For designers, maximum flexibility for these encapsulated, solder-mountable modules is pin-to-pin compatible with the well-established series RAC20-K. Further mechanical derivates are potted modules with wires or a panel mount option with spring-clamp connectors which is convertible to DIN-Rail mounting via available RECOM Clip accessory.

Features
• Full load power: -40 to +60°C
• Reduced load rating to 90°C
• OVC III up to 5000m and LPS
• Industry standard pinning [P12]
• Meets EN55032 “B” in PELV configuration
• Medical; household & industrial standards





Similar Description - R-DR/CLIP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
30 Watt Single and Dual Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
30 Watt Single & Dual Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com