Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-DR/CLIP Datasheet(PDF) 2 Page - Recom International Power

Part # R-DR/CLIP
Description  30 Watt Single/Dual Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-DR/CLIP Datasheet(HTML) 2 Page - Recom International Power

  R-DR/CLIP Datasheet HTML 1Page - Recom International Power R-DR/CLIP Datasheet HTML 2Page - Recom International Power R-DR/CLIP Datasheet HTML 3Page - Recom International Power R-DR/CLIP Datasheet HTML 4Page - Recom International Power R-DR/CLIP Datasheet HTML 5Page - Recom International Power R-DR/CLIP Datasheet HTML 6Page - Recom International Power R-DR/CLIP Datasheet HTML 7Page - Recom International Power R-DR/CLIP Datasheet HTML 8Page - Recom International Power R-DR/CLIP Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.recom-power.com
REV.: 0/2023
PA-2
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM30-K/277
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Nominal Input Voltage
60/50Hz
100VAC
277VAC
Operating Range (5)
47-63Hz
85VAC
230VAC
305VAC
DC
120VDC
431VDC
Input Current
115VAC
650mA
230VAC
350mA
277VAC
300mA
Inrush Current
cold start
115VAC
20A
230VAC
30A
277VAC
36A
No load Power Consumption
230VAC
100mW
Ecodesign Standby Mode Use
(Available output power for stated input power)
VIN= 230VAC
PIN= 0.3W
0.22W
PIN= 0.5W
0.39W
PIN= 1W
0.79W
Input Frequency Range
47Hz
63Hz
Minimum Load
0%
Power Factor
115VAC
0.60
230VAC
0.50
277VAC
0.45
Start-up Time
150ms
Rise Time
30ms
Hold-up Time
230VAC
50ms
Internal Operating Frequency
100% load at nominal Vin
100kHz
Output Ripple and Noise (6)
20MHz BW
100mVp-p
continued on next page
Efficiency vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
115VAC
230VAC
277VAC
7
6
4
2
5
3
1
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
115VAC
230VAC
277VAC
Notes:
Note5: The products were submitted to all safety files at AC-operation, and to IEC/EN61010-1 for DC-operation.
Note6: Measurements are made with a 0.1µF MLCC & 10µF E-cap in parallel across output. (low ESR)
RACM30-05SK/277
Power Dissipation vs. Load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com