Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-DR/CLIP Datasheet(PDF) 1 Page - Recom International Power

Part # R-DR/CLIP
Description  30 Watt Single/Dual Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-DR/CLIP Datasheet(HTML) 1 Page - Recom International Power

  R-DR/CLIP Datasheet HTML 1Page - Recom International Power R-DR/CLIP Datasheet HTML 2Page - Recom International Power R-DR/CLIP Datasheet HTML 3Page - Recom International Power R-DR/CLIP Datasheet HTML 4Page - Recom International Power R-DR/CLIP Datasheet HTML 5Page - Recom International Power R-DR/CLIP Datasheet HTML 6Page - Recom International Power R-DR/CLIP Datasheet HTML 7Page - Recom International Power R-DR/CLIP Datasheet HTML 8Page - Recom International Power R-DR/CLIP Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RAC
AC/DC Converter
30 Watt
Single/Dual
Output
www.recom-power.com
REV.: 0/2023
PA-1
3
Features
Regulated
Converter
• Full load power: -40 to +60°C
• Reduced load rating to 90°C
• OVC III up to 5000m and LPS
• Industry standard pinning [P12]
• Meets EN55032 “B” in PELV configuration
• Medical; household & industrial standards
RACM30-K/277
Selection Guide
Part
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ (1)
Load (2)
[VAC]
[VDC]
[mA]
[%]
[µF]
RACM30-05SK/277
85-305
5
6000
86
10000
RACM30-12SK/277
85-305
12
2500
90
10000
RACM30-15SK/277
85-305
15
2000
90
10000
RACM30-24SK/277
85-305
24
1250
89
8000
RACM30-12DK/277
85-305
±12
±1250
86
±8000
RACM30-15DK/277
85-305
±15
±1000
86
±8000
Notes:
Note1: Efficiency is tested at 230VAC input and constant resistive load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resistive load
Notes:
Note3: standard without suffix= encapsulated, solder mountable version with pins
add suffix “/W” for wired version
add suffix “/PMP” = Panel mount version with push-in terminals
add suffix “/PMA” = panel mount version with 45° angled push-in terminal
For other case/connection/footprint options, please contact RECOM technical support.
Model Numbering
nom. Output Power
Output Voltage
Single/Dual
Connection Options (4)
Case Style (3)
RACM30-
K/277/ /
OU
SEHO
p p lianc
EN-60335-1
CERTIFIED
Description
RACM30-K/277 AC/DC modules provide a leading thermally effective Power yield of 9.2 Watts per
inch³ at 60°C still air for continuous loads of 30 Watts plus additional peak capability. These Modules
operate in a temperature range of -40° to 90°C in compliance with safety standards of medical MOPP,
household-, industrial, and measurement markets. Safety reports rate the series as LPS limited power
source and OVCIII for an operating altitude of up to 5000m. A comfortable margin to EMI Class B
limits, even with outputs connected to the ground, ease system implementation for quick time-to-market
without additional external circuitry such as fuses or filters. For designers, maximum flexibility for these
encapsulated, solder-mountable modules is pin-to-pin compatible with the well-established series
RAC20-K. Further mechanical derivates are potted modules with wires or a panel mount option with
spring-clamp connectors which is convertible to DIN-Rail mounting via available RECOM Clip accessory.
ERP
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS 2+
compliant
10 from 10
E314885
P 12
IEC/EN62368-1 certified
EN60335-1 certified
ANSI/AAMI/IEC/EN 60601-1 certified
CAN/CSA-C22.2 No. 60601-1:14 certified
IEC/EN60601-1 certified
IEC/EN61010-1 certified
IEC/EN61558-1 certified
EN61558-2-16 certified
EN62233:2008 certified
EN60601-1-2 compliant
EN61204-3 compliant
EN55032 compliant
EN55014-1/-2 compliant
CB Report
Part Number
Description
Datasheet Link
R-DR/CLIP
Din Rail mounting clip
R-DR/CLIP.pdf
Accessible Part
Model Matrix (3)
Model
/W
/PMP
/PMA
RACM30-05SK/277
x
x
coming soon
RACM30-12SK/277
x
x
RACM30-15SK/277
x
N/A
RACM30-24SK/277
x
x
RACM30-12DK/277
N/A
N/A
N/A
RACM30-15DK/277
N/A
N/A
N/A
x = standard portfolio / on request = MOQ may apply on project base / N/A= not available


Similar Description - R-DR/CLIP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
30 Watt Single and Dual Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
30 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com