Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-DR/CLIP Datasheet(PDF) 10 Page - Recom International Power

Part # R-DR/CLIP
Description  30 Watt Single/Dual Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-DR/CLIP Datasheet(HTML) 10 Page - Recom International Power

Back Button R-DR/CLIP Datasheet HTML 2Page - Recom International Power R-DR/CLIP Datasheet HTML 3Page - Recom International Power R-DR/CLIP Datasheet HTML 4Page - Recom International Power R-DR/CLIP Datasheet HTML 5Page - Recom International Power R-DR/CLIP Datasheet HTML 6Page - Recom International Power R-DR/CLIP Datasheet HTML 7Page - Recom International Power R-DR/CLIP Datasheet HTML 8Page - Recom International Power R-DR/CLIP Datasheet HTML 9Page - Recom International Power R-DR/CLIP Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.recom-power.com
REV.: 0/2023
PA-10
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM30-K/277
Series
INSTALLATION AND APPLICATION
84.7
10.16
1
3
CON1
embossed Logo
R-DR/CLIP
84.7
10.16
1
3
CON1
embossed Logo
R-DR/CLIP
AC Input Side
84.7
10.16
1
3
CON1
embossed Logo
R-DR/CLIP
Bottom View
Side View
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
tube
standard THT
490.0 x 56.0 x 40.0mm
tray
wired “/W”
405.0 x 360.0 x 55.0mm
“/PMP”
405.0 x 360.0 x 55.0mm
Package Unit
standard THT
11pcs
wired “/W”
24pcs
“/PMP”
24pcs
Storage Temperature Range
non-condensing
-40°C to +90°C
Storage Humidity
95% RH max.
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.
Dimension Drawing RACM30-K/277/PMP after conversion with the RECOM Din Rail Clip “R-DR/CLIP” accessory part
For further information, refer to our R-DR/CLP datasheet: www.recom-power.com/pdf/Accessories/R-DR/CLIP.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com