Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-DR/CLIP Datasheet(PDF) 3 Page - Recom International Power

Part # R-DR/CLIP
Description  30 Watt Single/Dual Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-DR/CLIP Datasheet(HTML) 3 Page - Recom International Power

  R-DR/CLIP Datasheet HTML 1Page - Recom International Power R-DR/CLIP Datasheet HTML 2Page - Recom International Power R-DR/CLIP Datasheet HTML 3Page - Recom International Power R-DR/CLIP Datasheet HTML 4Page - Recom International Power R-DR/CLIP Datasheet HTML 5Page - Recom International Power R-DR/CLIP Datasheet HTML 6Page - Recom International Power R-DR/CLIP Datasheet HTML 7Page - Recom International Power R-DR/CLIP Datasheet HTML 8Page - Recom International Power R-DR/CLIP Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.recom-power.com
REV.: 0/2023
PA-3
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM30-K/277
Series
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
115VAC
230VAC
277VAC
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
115VAC
230VAC
277VAC
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
115VAC
230VAC
277VAC
7
6
4
2
5
3
1
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
115VAC
230VAC
277VAC
7
6
4
2
5
3
1
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
115VAC
230VAC
277VAC
7
6
4
2
5
3
1
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
115VAC
230VAC
277VAC
Efficiency vs. Load
Efficiency vs. Load
Efficiency vs. Load
RACM30-12SK/277
RACM30-15SK/277
RACM30-24SK/277
RACM30-12DK/277
RACM30-15DK/277
Power Dissipation vs. Load
Power Dissipation vs. Load
Power Dissipation vs. Load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com