Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-DR/CLIP Datasheet(PDF) 8 Page - Recom International Power

Part # R-DR/CLIP
Description  30 Watt Single/Dual Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-DR/CLIP Datasheet(HTML) 8 Page - Recom International Power

Back Button R-DR/CLIP Datasheet HTML 2Page - Recom International Power R-DR/CLIP Datasheet HTML 3Page - Recom International Power R-DR/CLIP Datasheet HTML 4Page - Recom International Power R-DR/CLIP Datasheet HTML 5Page - Recom International Power R-DR/CLIP Datasheet HTML 6Page - Recom International Power R-DR/CLIP Datasheet HTML 7Page - Recom International Power R-DR/CLIP Datasheet HTML 8Page - Recom International Power R-DR/CLIP Datasheet HTML 9Page - Recom International Power R-DR/CLIP Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.recom-power.com
REV.: 0/2023
PA-8
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM30-K/277
Series
Dimension Drawing standard THT version (mm)
Pinning information [P12]
Pin #
Single
Dual
1
VAC in (N)
VAC in (N)
2
VAC in (L)
VAC in (L)
3
no pin
-Vout
4
-Vout
Com
5
+Vout
+Vout
2
1
5
4
3
52.5
5x Ø1.0±0.1
1
2
4
3
5
3.38
3.68
5x Ø1.20
45.72
53.1 min.
61.0
Recommended Footprint Details
(Top View)
Tolerance:
x.x= ±0.5mm
x.xx= ±0.25mm
Tolerance:
x.x= ±0.5mm
x.xx= ±0.25mm
Bottom View
Dimension Drawing Wired version “/W” (mm)
Wire information
#
Function
Wire color
Type
AWG
1
VAC in (N)
blue
UL-1015
18
2
VAC in (L)
brown
UL-1015
18
4
-Vout
black
UL-1015
18
5
+Vout
red
UL-1015
18
3.38
45.72
52.5
1
5
4
2
embossed Logo



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com