Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-DR/CLIP Datasheet(PDF) 6 Page - Recom International Power

Part # R-DR/CLIP
Description  30 Watt Single/Dual Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-DR/CLIP Datasheet(HTML) 6 Page - Recom International Power

Back Button R-DR/CLIP Datasheet HTML 2Page - Recom International Power R-DR/CLIP Datasheet HTML 3Page - Recom International Power R-DR/CLIP Datasheet HTML 4Page - Recom International Power R-DR/CLIP Datasheet HTML 5Page - Recom International Power R-DR/CLIP Datasheet HTML 6Page - Recom International Power R-DR/CLIP Datasheet HTML 7Page - Recom International Power R-DR/CLIP Datasheet HTML 8Page - Recom International Power R-DR/CLIP Datasheet HTML 9Page - Recom International Power R-DR/CLIP Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.recom-power.com
REV.: 0/2023
PA-6
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM30-K/277
Series
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report Number
Standard
Audio/Video, information and communication technology equipment - Part1: Safety requirements
64.210.22.02737.01
EN62368-1:2014+A11:2017 (2nd Edition)
Audio/Video, information and communication technology equipment - Safety requirements (CB)
085-220273601-000
IEC62368-1:2018 (3rd Edition)
Audio/Video, information and communication technology equipment - Safety requirements (LVD)
EN IEC 62368-1:2020+A11:2020 (3rd Edition)
Electrical Equipment For Measurement, Control, and Laboratory Use; Part 1: General Requirements (CB)
085-220277601-000
IEC61010-1:2010+A1:2016 3rd Edition with
IEC61010-2-201:2017
Electrical Equipment For Measurement, Control, and Laboratory Use; Part 1: General Requirements (LVD)
64.240.22.02776.01
EN61010-1:2010+A1:2019 with
EN IEC 61010-2-201:2018
Medical electrical equipment Part 1: General requirements for basic safety and essential performance (CB)
22SBDS06094-02771
IEC60601-1:2005+AM1:2012 3rd Edition
Medical electrical equipment Part 1: General requirements for basic safety and essential performance (LVD)
EN60601-1:2006+A1:2013+AC:2014
Medical electrical equipment Part 1: General requirements for basic safety and essential performance
E314885
ANSI/AAMI ES60601-1:2005+A2:2010/(R)2012
CAN/CSA-C22.2 No. 60601-1:14 3rd Edition
Household and similar electrical appliances – Safety – Part 1: General requirements (CB)
64.260.22.02739.01
IEC60335-1:2010+C1:2016 5th Edition
Household and similar electrical appliances – Safety – Part 1: General requirements (LVD)
EN60335-1:2012+A2:2019+A15:2021
Measurement methods for electromagnetic fields of household appliances and similar apparatus with
regard to human exposure
EN62233:2008
Safety of power transformers, power supplies, reactors & similar products for supply voltages up to 1100V
085-220273801-000
IEC61558-1:2017 3rd Edition
Safety of power transformers, power supplies, reactors & similar products for supply voltages up to 1100V
Part 2: Particular requirements
IEC61558-2-16:2009+A1:2013 1st Edition
Safety of power transformers, power supplies, reactors & similar products for supply voltages up to 1100V
64.250.22.02738.01
EN IEC 61558-1:2019
Safety of power transformers, power supplies, reactors & similar products for supply voltages up to 1100V
Part 2: Particular requirements
EN61558-2-16:2009+A1:2013
RoHS2
RoHS-2011/65/EU + AM-2015/863
EMC Compliance according to EN60601-1-2
Condition
Standard / Criterion
Medical electrical equipment Part 1-2: General requirements for basic safety
and essential performance
EN60601-1-2:2015+A1:2021, Class B
ESD Electrostatic discharge immunity test
Air: ±2, 4, 8, 15kV
Contact ±8kV
EN61000-4-2:2008
IEC61000-4-2:2009
Radiated, radio-frequency, electromagnetic field immunity test
10V/m (80-2700MHz);
table 9
IEC/EN61000-4-3:2006 + A2:2010
Fast Transient and Burst Immunity
L, N, L-N: ±2kV
IEC/EN61000-4-4:2012
Surge Immunity
L, N, L-N: ±0.5, 1, 2kV
IEC/EN61000-4-5:2014 + A1:2017
Immunity to conducted disturbances, induced by radio-frequency fields
3Vrms (0.15-80MHz);
6Vrms (ISM and amateur radio bands
within 0.15-80MHz)
IEC61000-4-6:2013
EN61000-4-6:2014
Voltage Dips
100% (0.5P, 1.0P);
30% (25P/30P)
IEC/EN61000-4-11:2004 + A1:2017
Voltage Interruptions
100% (250P/300P)
IEC/EN61000-4-11:2004 + A1:2017
EMC Compliance according to EN35032/EN35035
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment - Emission require-
ments
EN55032:2015, Class B
Electromagnetic compatibility of multimedia equipment – Immunity
requirements
EN55035:2017+A11:2020
Radiated, radio-frequency, electromagnetic field immunity test
3V/m (1800, 2600, 3500, 5000MHz)
IEC/EN61000-4-3:2006 + A2:2010,
Criteria A
Fast Transient and Burst Immunity
L, N, L-N: 2kV
DC load line: 0.5kV
IEC/EN61000-4-4:2012, Criteria A
continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com