Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-DR/CLIP Datasheet(PDF) 7 Page - Recom International Power

Part # R-DR/CLIP
Description  30 Watt Single/Dual Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-DR/CLIP Datasheet(HTML) 7 Page - Recom International Power

Back Button R-DR/CLIP Datasheet HTML 2Page - Recom International Power R-DR/CLIP Datasheet HTML 3Page - Recom International Power R-DR/CLIP Datasheet HTML 4Page - Recom International Power R-DR/CLIP Datasheet HTML 5Page - Recom International Power R-DR/CLIP Datasheet HTML 6Page - Recom International Power R-DR/CLIP Datasheet HTML 7Page - Recom International Power R-DR/CLIP Datasheet HTML 8Page - Recom International Power R-DR/CLIP Datasheet HTML 9Page - Recom International Power R-DR/CLIP Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.recom-power.com
REV.: 0/2023
PA-7
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM30-K/277
Series
EMC Compliance according to EN IEC61204-1
Condition
Standard / Criterion
Low voltage power supplies, d.c. output Part 3: Electromagnetic compatibility
EN IEC 61204-3:2018
ESD Electrostatic discharge immunity test
Air: ±2, 4, 8kV
Contact ±4kV
EN61000-4-2:2008, Criteria A
IEC61000-4-2:2009, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
10V/m (80-1000MHz);
3V/m (1400-2000MHz);
1V/m (2000-2700MHz)
IEC/EN61000-4-3:2006+A2:2010, Criteria A
Fast Transient and Burst Immunity
L-N: ±2kV
IEC/EN61000-4-4:2012, Criteria B
Surge Immunity
L-N: ±0.5, 1, 2kV
IEC/EN61000-4-5:2014+A1:2017, Criteria A
Immunity to conducted disturbances, induced by radio-frequency fields
10Vrms (0.15-80MHz)
IEC61000-4-6:2013, Criteria A
EN61000-4-6:2014, Criteria A
Power Magnetic Field Immunity
30A/m
IEC61000-4-8:2009, Criteria A
EN61000-4-8:2010, Criteria A
Voltage Dips
100% (0.5P, 1.0P);
20% (250P/300P);
30% (25P/30P)
IEC/EN61000-4-11:2004 + A1:2017, Criteria A
Voltage Interruptions
100% (250P/300P)
IEC/EN61000-4-11:2004 + A1:2017, Criteria B
Limits of Harmonic Current Emissions
N/A (<75W)
EN IEC 61000-3-2:2019
Limits of Voltage Fluctuations & Flicker
EN61000-3-3:2013+A1:2019
EMC Compliance according to EN55014-1/EN55014-2
Condition
Standard / Criterion
Electromagnetic compatibility of household appliances, electric tools and similar
apparatus - Emission Requirements
EN55014-1:2006 + A2:2011
Electromagnetic compatibility of household appliances, electric tools and similar
apparatus - Immunity Requirements
EN55014-2:2015
Immunity to conducted disturbances, induced by radio-frequency fields
3Vrms (0.15-230MHz)
IEC61000-4-6:2013, Criteria A
EN61000-4-6:2014, Criteria A
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
case/baseplate
plastic, (UL94V-0)
potting
PU, (UL94V-0)
PCB
FR4, (UL94V-0)
Dimension (LxWxH)
standard THT type, “/W” type
52.5 x 40.0 x 25.5mm
“/PMP” type
84.7x 40.0 x 33.0mm
Weight
standard THT type
93g
“/W” type including wires
98g
“/PMP” type
122g
continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com